Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4113 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4113
Description  GaAs-IR-Lumineszenzdiode mit 3/4 Linse
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4113 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4113 Datasheet HTML 1Page - OSRAM GmbH SFH-4113 Datasheet HTML 2Page - OSRAM GmbH SFH-4113 Datasheet HTML 3Page - OSRAM GmbH SFH-4113 Datasheet HTML 4Page - OSRAM GmbH SFH-4113 Datasheet HTML 5Page - OSRAM GmbH SFH-4113 Datasheet HTML 6Page - OSRAM GmbH SFH-4113 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 4113
GaAs-IR-Lumineszenzdiode mit 3/4 Linse (950nm)
GaAs Infrared Emitter with 3/4 lens (950nm)
Lead (Pb) Free Product - RoHS Compliant
2007-04-03
1
Wesentliche Merkmale
• Wellenlänge der Strahlung 950 nm
• Hohe Strahlstärke
• Geringe Außenabmessungen
Anwendungen
• Bandende Erkennung (z.B. Videorecorder)
• Datenübertragung
• Positionsüberwachung
• Barcode-Leser
• „Messen/Steuern/Regeln“
• Münzzähler
Typ
Type
Bestellnummer
Ordering Code
Ee
1) [mW/cm²]
at d
2)=6mm, If=4mA
1)
Auf einem Detektor erzeugte Bestrahlungsstärke.
Irradiance generated on a detector.
2)
Entfernung zwischen Vorderseite Beinchen und Detektorebene.
Distance between leadframe front side and detection area.
SFH 4113
Q62702P5299
0.25 - 1.25
Features
• Peak wavelength of 950 nm
• High radiant intensity
• Small outline dimensions
Applications
• Tape end detection (VCR e.g.)
• Data transmission
• Position sensing
• Barcode reader
• For control and drive circuits
• Coin counters


Similar Part No. - SFH-4113

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4110 OSRAM-SFH-4110 Datasheet
178Kb / 10P
GaAs Infrared Emitter
More results

Similar Description - SFH-4113

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH409 OSRAM-SFH409_03 Datasheet
57Kb / 5P
GaAs-IR-Lumineszenzdiode
SFH405 OSRAM-SFH405_12 Datasheet
130Kb / 7P
GaAs-IR-Lumineszenzdiode
SFH409 OSRAM-SFH409_12 Datasheet
138Kb / 7P
GaAs-IR-Lumineszenzdiode
SFH4289 OSRAM-SFH4289 Datasheet
65Kb / 6P
GaAlAs-IR-Lumineszenzdiode in SMT-Geh채use mit Linse
SFH-409 OSRAM-SFH-409 Datasheet
114Kb / 5P
GaAs-IR-Lumineszenzdiode
SFH-4289 OSRAM-SFH-4289 Datasheet
65Kb / 6P
GaAlAs-IR-Lumineszenzdiode in SMT-Geh채use mit Linse
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com