Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4113 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4113
Description  GaAs-IR-Lumineszenzdiode mit 3/4 Linse
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4113 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4113 Datasheet HTML 1Page - OSRAM GmbH SFH-4113 Datasheet HTML 2Page - OSRAM GmbH SFH-4113 Datasheet HTML 3Page - OSRAM GmbH SFH-4113 Datasheet HTML 4Page - OSRAM GmbH SFH-4113 Datasheet HTML 5Page - OSRAM GmbH SFH-4113 Datasheet HTML 6Page - OSRAM GmbH SFH-4113 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SFH 4113
2007-04-03
4
Relative Spectral Emission
Irel = f (λ)
Forward Current
I
F = f (VF), Single pulse, tp = 20 μs
OHR01938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
V
OHF00367
F
10
-2
0
Ι
F
12
3
4
0.5
1.5
2.5
V
10
-1
10
0
10
1
10
2
10
3
10
4
mA
Radiant Intensity
Single pulse,
t
p = 20 μs
Radiation Characteristics/ vertical
Ι
rel = f (ϕ)
Radiation Characteristics/ horiz
Ι
rel = f (ϕ)
I
e
I
e 100 mA
=
f (I
F)
OHF00369
10
-1
10
0
10
12
10
10
3
-3
10
-2
10
-1
10
10
0
1
10
e (100 mA)
Ι
Ι
F
e
Ι
mA
OHL01545
20˚
40˚
60˚
80˚
100˚
120˚
0
0.2
0.4
0.6
0.8
1.0
-90˚
+90˚
-20˚
-40˚
-60˚
-80˚
-100˚
-120˚
OHL01544
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
-90˚
+90˚
Max. Permissible Forward Current
I
F = f (TA)
0
0
˚C
T
IF
mA
OHL01541
A
10
20
30
40
50
60
70
20
40
60
80
100
= 480 K/W
R
thJA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com