Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7745DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7745DF
Description  20W Stereo Class D Single Ended Audio Amplifier EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7745DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7745DF Datasheet HTML 1Page - Monolithic Power Systems MP7745DF Datasheet HTML 2Page - Monolithic Power Systems MP7745DF Datasheet HTML 3Page - Monolithic Power Systems MP7745DF Datasheet HTML 4Page - Monolithic Power Systems MP7745DF Datasheet HTML 5Page - Monolithic Power Systems MP7745DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV7745DF-01A – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER EVB
EV7745DF-01A Rev. 1.0
www.MonolithicPower.com
3
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV7745DF-01A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C26
22pF
Ceramic
Capacitor,50V,C0G
0603
muRata
GRM1885C1H220JA01D
2
C2, C24
NS
2
C3, C23
100uF
Electrolytic Cap.,
50V
Radial
Rubycon
2
C4, C21
10uF
Electrolytic Cap.,
50V
Radial
Rubycon
2
C5, C22
2.2uF
Ceramic
Capacitor,50V,X7R
1206
muRata
GRM31CR71H225KA88L
1
C6
5.6nF
Ceramic Capacitor,
50V,X7R
0603
muRata
GRM188R71H562KA01
2
C7,C16
1000uF
Electrolytic Cap.,
50V
Radial
Rubycon
2
C8,C17
1uF
Ceramic
Capacitor,16V,X7R
0603
muRata
GRM188R71C105KA1
2
C9,C14
2.2uF
Electrolytic Cap.,
50V
Radial
Rubycon
2
C10,C18
0.47uF
FILM,50V
Radial
any
2
C11, C19
390pF
Ceramic
Capacitor,50V,C0G
0603
muRata
GRM1885C1H3901JA01D
2
C12,C20
0.1uF
Ceramic Capacitor,
50V,X7R
0805
muRata
GRM21BR71H104KA01L
2
C13,C25
0.1uF
Ceramic Capacitor,
50V,X7R
0603
muRata
GRM188R71H104KA93D
1
C15
4.7nF
Ceramic Capacitor,
50V,X7R
0603
muRata
GRM188R71H472KA01D
1
C27
2200uF
Electrolytic Cap,
50V
Radial
Rubycon
2
R1,R20
82.5KΩ
Film Res., 1%
0603
Yageo
RC0603FR-0782K5L
5
R2,R3,
R13,
R18, R21
100KΩ
Film Res., 1%
0603
Yageo
RC0603FR-07100KL
4
R4,R17,
R10,R16
NS
2
R5,R15
10Ω
Film Res., 5%
0603
0603SAJ0100T5E
1
R6
21KΩ
Film Res., 1%
0603
Yageo
RC0603FR-0721KL
2
R8,R14
10Ω
Film Res., 5%
0805
CR05T05NJ10R
4
R7,R9,
R11,R19
10KΩ
Film Res., 1%
0603
Yageo
RC0603FR-0710KL
1
R12
28KΩ
Film Res., 1%
0603
Yageo
RC0603FR-0728KL
1
R22
200KΩ
Film Res., 5%
0603
Yageo
RC0603JR-07200KL
2
D2,D1,
D3,D4
NS
2
FB1, FB2
Ferrite Bead, 6A
1206
LION
PB321611-320



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com