Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7745DF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7745DF
Description  20W Stereo Class D Single Ended Audio Amplifier EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7745DF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7745DF Datasheet HTML 1Page - Monolithic Power Systems MP7745DF Datasheet HTML 2Page - Monolithic Power Systems MP7745DF Datasheet HTML 3Page - Monolithic Power Systems MP7745DF Datasheet HTML 4Page - Monolithic Power Systems MP7745DF Datasheet HTML 5Page - Monolithic Power Systems MP7745DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV7745DF-01A – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER EVB
EV7745DF-01A Rev. 1.0
www.MonolithicPower.com
4
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV7745DF-01A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
L1, L2
10uH
Inductor, 3.61A
Radial
Toko
10RHBP-#A671HN-100L
1
U1
Class D Audio
Amplifier
TSSOP20F
MPS
MP7745DF
1
SW1
Switch slide DPDT
12V .1A L=4
1
CN3
Banana Jack
Connector
2
CN1,
CN2
Phono Jack, Female
1
TP1
Test point PC
MINI .040"D
1
SP1
Speaker Connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com