Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7752GF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7752GF
Description  Indutorless 2X15W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752GF Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP7752GF Datasheet HTML 1Page - Monolithic Power Systems MP7752GF Datasheet HTML 2Page - Monolithic Power Systems MP7752GF Datasheet HTML 3Page - Monolithic Power Systems MP7752GF Datasheet HTML 4Page - Monolithic Power Systems MP7752GF Datasheet HTML 5Page - Monolithic Power Systems MP7752GF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV7752-F-00A – INDUCTORLESS 2X15W STEREO BTL FIX FREQUENCY CLASS D AUDIO AMPLIFIER EVB
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV7752-F-00A Rev. 1.0
www.MonolithicPower.com
6
8/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
1. Typical Output Power vs. PLIMIT Voltage Table
Table 1: Power Limit Typical Operation
Test Condition
PLIMIT Voltage
Output Voltage (Vp-p)
Output Power
(~10% THD)
VDD=12V, Vin=1Vrms,
Load=8Ω, Gain=20dB
0.80V
14.9
5.0W
VDD=16V, Vin=1Vrms,
Load=8Ω, Gain=20dB
0.80V
14.9
5.0W
VDD=16V, Vin=1Vrms,
Load=8Ω, Gain=20dB
1.44V
23.6
10.0W
VDD=18V, Vin=1Vrms,
Load=8Ω, Gain=20dB
1.44V
23.6
10.0W
PLIMIT adjust methods:
a. Adjust resistor divider R2 and R4 to set PLIMIT reference voltage.
b. Short JP4 to connect PLIMIT pin to AVCC directly. (disable power limit function)
2. Voltage Gain Setting Table
Table 2: Gain Setting
GAIN0 GAIN1
Typical GAIN (dB)
Typical Input
Impedance (kΩ)
0
0
20
75
1
0
26
50
0
1
32
30
1
1
36
20
3. InAbsence Function
InAbsence function and its delay time are controlled by JP5 and C8.
a. Short JP5 to disable InAbsence function.
b. Adjust CR to set delay time after input signal is absence. Delay time is defined as:
[ ]
=×
×
8
delay
R
T
1.6 10
C sec
CR = C8 in EV7752-F-00A, a 1nF capacitor provides ~160ms delay time.
For more information, please consult MP7752 datasheet.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com