Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7752GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7752GF
Description  Indutorless 2X15W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7752GF Datasheet HTML 1Page - Monolithic Power Systems MP7752GF Datasheet HTML 2Page - Monolithic Power Systems MP7752GF Datasheet HTML 3Page - Monolithic Power Systems MP7752GF Datasheet HTML 4Page - Monolithic Power Systems MP7752GF Datasheet HTML 5Page - Monolithic Power Systems MP7752GF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV7752-F-00A
Indutorless 2X15W Stereo BTL Fix Frequency
Class D Audio Amplifier Evaluation Board
EV7752-F-00A Rev. 1.0
www.MonolithicPower.com
1
8/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV7752-F-00A is the evaluation board for
the MP7752, a 15W stereo BTL Fix Freuquency
Inductorless Class D Audio Amplifier. It is one
of MPS’ products of fully integrated audio
amplifiers which dramatically reduce solution
size by integrating the following:
• 240mΩ power MOSFETs
• Startup / Shutdown pop elimination
• Short circuit protection circuits
• Advanced EMI performance
• Inductorless topology
The MP7752 utilizes Bridge Tied Load output
structure capable of delivering stereo 15W into
8Ω speakers. It features in automatic shutdown
function which can save power in battery-used
system. The PLIMIT function is useful for
limiting total output power by simply adjust a
DC reference voltage at PLIMIT pin. MPS Class
D Audio Amplifiers exhibit the high fidelity of a
Class A/B amplifier at high efficiency.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VDD
5~18
V
FEATURES
• 15W Stereo BTL Output at VDD = 16V into
8Ω loads
• 9.5W Stereo BTL Output at VDD = 12V into
8Ω loads
• 90% Efficiency at 9.5W x 2 and VDD=12V
with 8Ω load, Stereo
• Low Noise (115μV Typical)
• 5V to 18V Operation from a Single Supply
APPLICATIONS
• TV
• DVD Receiver
• Active Speakers
• Home Theater
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc..
EV7752-F-00A EVALUATION BOARD
(L x W x H) 3.3” x 3.1” x 0.8”
8.5cm x 8.0cm x 2.0cm
Board Number
MPS IC Number
EV7752-F-00A
MP7752GF
POUT(W)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
30
100m
500m 1
2
5 10 20
12V
16V
18V


Similar Part No. - MP7752GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7752GF MPS-MP7752GF Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
More results

Similar Description - MP7752GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9812 PHILIPS-TFA9812 Datasheet
385Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 02-22 January 2009
logo
Monolithic Power System...
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
MP7752 MPS-MP7752 Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7722DF-02A MPS-EV7722DF-02A Datasheet
433Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7751-F-00A MPS-EV7751-F-00A Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
EV7782DF-02 MPS-EV7782DF-02 Datasheet
403Kb / 6P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
EV7782DF-02B MPS-EV7782DF-02B Datasheet
537Kb / 7P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com