Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3AF Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # RS3AF
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

RS3AF Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  RS3AF Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. RS3AF Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS3BF
RS3AF THRU RS3MF
SURFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current -3.0 Ampere
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
100.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=90 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
5.0
200.0
R
θJA
CJ
TJ,TSTG
20.0
60.0
-50 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
RS3AF
RS3DF RS3GF RS3JF RS3KF RS3MF
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
FEATURES
MECHANICAL DATA
MDD Catalog Number
Dimensions in inches and (millimeters)
SMAF
Cathode Band
Top View
0.128(3.25)
0.144(3.65)
0.189(4.80)
0.173(4.40)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.043(1.10)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Fast switching for high efficiency
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds at terminals
Glass passivated chip junction
Case
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
: JEDEC SMAF molded plastic body over passivated chip
Weight:0.0018 ounce, 0.064 grams
www.szyxwkj.com


Similar Part No. - RS3AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS3AF ETC2-RS3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
RS3AF CHENDA-RS3AF Datasheet
683Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS3AF YFWDIODE-RS3AF Datasheet
129Kb / 3P
Surface MountFast Recovery Rectifiers
logo
SUNMATE electronic Co.,...
RS3AF SUNMATE-RS3AF Datasheet
547Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Jiangsu High diode Semi...
RS3AF HDSEMI-RS3AF Datasheet
1Mb / 4P
SMAF Plastic-Encapsulate Diodes
More results

Similar Description - RS3AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com