Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3AF Datasheet(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # RS3AF
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

RS3AF Datasheet(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  RS3AF Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. RS3AF Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES RS3AF THRU RS3MF
0.6
1.2
1.8
2.4
3.0
3.5
0.0
25
50
75
100
125
150
175
Fig.1 Forward Current Derating Curve
Ambient Temperature (
°C)
Single phase half-wave 60 Hz
resistive or inductive load
20
40
60
80
100
120
00
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
Fig.3 Typical Instaneous Forward
Characteristics
0.5
1.0
1.5
2.0
2.5
0.0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
T =25
J
°C
pulse with 300μs
1% duty cycle
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°C
T =25
J
°C
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
100
1000
Reverse Voltage (V)
T =25
J
°C
10
www.szyxwkj.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com