Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3759 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3759 Datasheet HTML 17Page - Linear Technology LT3759 Datasheet HTML 18Page - Linear Technology LT3759 Datasheet HTML 19Page - Linear Technology LT3759 Datasheet HTML 20Page - Linear Technology LT3759 Datasheet HTML 21Page - Linear Technology LT3759 Datasheet HTML 22Page - Linear Technology LT3759 Datasheet HTML 23Page - Linear Technology LT3759 Datasheet HTML 24Page - Linear Technology LT3759 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
LT8710
21
8710f
For more information www.linear.com/LT8710
RFBX =
VOUT(FLOAT)–1.213V
83.7µA
RFLAG=RFBX •
1.213V
VOUT(BULK)– VOUT(FLOAT)
Battery Charging and C/10
A useful application for limiting the output current is to
charge a battery. When charging a battery such as a 12V
lead acid battery, it may be useful to charge to a bulk and
float voltage, in which case, the C/10 function of the FLAG
pin can be used. For decreasing charge currents, C/10
is detected when the IMON voltage falls below 666.5mV
(typical) and corresponds to an average ISP – ISN voltage
of 5mV (typical). For increasing charge currents, C/10 is
cleared when IMON gets above 727.5mV (typical) which
corresponds to an average ISP – ISN voltage of 10mV
(typical).
To set a bulk and float battery voltage, simply connect
a resistor from the FLAG pin to the FBX pin. When the
battery charging current is high (C/10 not detected), the
target output voltage is the bulk battery voltage as set by
the resistor connected between the FLAG and FBX pins.
OncethechargingcurrentdropssuchthatC/10isdetected,
the target output voltage drops to the float battery voltage
as set by the external FBX resistor. See Figure 10 below
on the FLAG pin connections and equations for setting the
bulk and float battery voltages. Note that in order to use
the C/10 feature, the MODE pin must be high to operate
in DCM at light loads.
applicaTions inForMaTion
Figure 10. FLAG Pin Connections and Equations
for Battery Charging
8710 F10
FBX
VOUT
FROM
CONTROLLER
VOUT
RFBX
LEAD ACID
BATTERY
1.213V
FLAG
100µs
ANTI-GLITCH
GND
PG
COUT
+
83.7µA
RFLAG
IMON
DCM_EN
CHRG
666.5mV
Capacitor Charging
When the application is to charge a bank of capacitors
such as SuperCaps, the charging current is set by RSENSE2
and the FLAG pin isn’t necessarily needed as in the case
of charging a battery.
Temperature Dependent Output Voltage Using NTC
Resistor
Itmaybedesirabletoregulatetheconverter’soutputbased
on the ambient temperature. The INTVCC LDO regulated
voltage is 6.3V ± 1.6% (see Electrical Characteristics), and
a negative temperature coefficient (NTC) resistor can be
used to sum into the FBX pin to create an output voltage
that decreases with temperature. See Figure 11 for the
necessary connections.
The FBX voltages regulates to 1.213V (typical) for posi-
tive output voltages. For an accurate room temperature
output voltage, size the resistor divider off the INTVCC
pin to give 1.213V such that the current through R2 is
~0 at room temperature. Choose RNTC(25) ≤ 10kΩ and
use the equations below to calculate R1, RFBX, and VOUT
at room temperature and R2 for a desired VOUT change
over temperature.
VOUT(25)≅1.213V+83.7µA •RFBX+
R
R
FBX
2
•
1.213V – 6.3V •
R1
R1+RNTC(25)
RNTC=RNTC(25)•e
β•
1
T
– 1
T25
(
)
∆VOUT = –6.3V •
RFBX
R2
•R1•
1
R1+RNTC(T(MAX))
–
1
R1+RNTC(T(MIN))
1
R1+RNTC(T(MAX))
–
1
R1+RNTC(T(MIN))
1=R
R
NTC(25)
6.3–1.213V
1.213V
2 =
–6.3V
∆VOUT
•RFBX • •
R
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com