Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3759 Datasheet(PDF) 29 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT3759 Datasheet HTML 25Page - Linear Technology LT3759 Datasheet HTML 26Page - Linear Technology LT3759 Datasheet HTML 27Page - Linear Technology LT3759 Datasheet HTML 28Page - Linear Technology LT3759 Datasheet HTML 29Page - Linear Technology LT3759 Datasheet HTML 30Page - Linear Technology LT3759 Datasheet HTML 31Page - Linear Technology LT3759 Datasheet HTML 32Page - Linear Technology LT3759 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
LT8710
29
8710f
For more information www.linear.com/LT8710
applicaTions inForMaTion
IRR = CurrentneededtoremovethePFETbodydiode
charge
tRR = Reverse recovery time of PFET body diode
Typical values for tRF are 10ns to 40ns depending on the
MOSFET capacitance and drain voltage. In general, the
lower the QGD of the MOSFET, the faster the rise and fall
times of its drain voltage. For best calculations, measure
the rise and fall times in the application.
PFET body diode reverse recovery power loss is depen-
dent on many factors and can be difficult to quantify in
an application. In general, this power loss increases with
higher VDS and/or higher switching frequency.
Chip Power and Thermal Calculations
Power dissipation in the LT8710 chip comes from three
primary sources: INTVCC and INTVEE LDOs providing gate
drive to the BG and TG pins and additional input quiescent
current. The average current through each LDO is deter-
mined by the gate charge of the power switches, MN and
MP, and the switching frequency. Below are the equations
for calculating the chip power loss followed by examples.
Noninverting Converter: The INTVCC LDO primarily sup-
plies voltage for the BG gate driver. The BIAS and INTVEE
voltages supply the top and bottom rails of the TG gate
driver respectively. The chip Q current comes from the
higher of VIN and BIAS. Below are the chip power equa-
tions for a noninverting converter:
PVCC = 1.04 • QMN • f • VSELECT
PVEE1 = QMP • f • VBIAS
PVEE2 = 3.1mA • (1 – DC) • VBIAS
PQ = 4mA • VMAX
where:
f
= Switching frequency
DC
= Switch duty cycle (see Power Switch Duty
Cycle section in Appendix)
QMN
= TotalgatechargeofNFETpowerswitch(MN)
at 6.3VGS
QMP
= TotalgatechargeofPFETpowerswitch(MP)
at 6.18VSG
VSELECT = INTVCC LDO selected input voltage, VIN or
BIAS (see LDO REGULATORS section)
VMAX = Higher of VIN and BIAS.
Inverting Converter: Due to BIAS connecting to INTVCC
and INTVEE connecting to ground (see Typical Applica-
tions), all the chip power comes from the VIN pin. The
INTVCC LDO primarily supplies voltage for both the BG
and TG gate drivers. The chip Q current comes from
VIN. For consistency, the power that’s needed to run
the TG gate driver is still labeled as PVEE even though
the power is coming from INTVCC. Below are the chip
power equations for an inverting converter:
PVCC = 1.04 • QMN • f • VIN
PVEE1 = QMP • f • VIN
PVEE2 = 3.15mA • (1 – DC) • VIN
PQ = 5.5mA • VIN
where:
f
= Switching frequency
DC = Switch duty cycle (see Power Switch Duty Cycle
section in Appendix)
QMN = Total gate charge of NFET power switch (MN)
at 6.3VGS
QMP = Total gate charge of PFET power switch (MP)
at 6.3VSG
Chip Power Calculations Example
Table 4 calculates the power dissipation of the LT8710 for
a 200kHz, 3V – 40V to 5V SEPIC application when VIN is
12V. From PCHIP in Table 4, the die junction temperature
can be calculated using the appropriate thermal resistance
and worst-case ambient temperature:
TJ = TA + QJA • PCHIP
where TJ = die junction temperature, TA = ambient tem-
perature and
θJA is the thermal resistance from the silicon
junction to the ambient air.
The published
θJAvalueis38°C/WfortheTSSOPexposed
pad package. In practice, lower
θJA values are realizable
if board layout is performed with appropriate grounding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com