Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1735 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1735
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 1 Page - Linear Technology

  LTC1735 Datasheet HTML 1Page - Linear Technology LTC1735 Datasheet HTML 2Page - Linear Technology LTC1735 Datasheet HTML 3Page - Linear Technology LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC3728L-1
1
3728l1fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual, 550kHz, 2-Phase
Synchronous Regulator
The LTC®3728L-1 is a dual high performance step-down
switching regulator controller that drives all N-channel
synchronous power MOSFET stages. A constant frequency
current mode architecture allows phase-lockable frequency
of up to 550kHz. Power loss and noise due to the ESR of
the input capacitors are minimized by operating the two
controller output stages out of phase. The LTC3728L-1
is identical to the LTC3728L except that the LTC3728L-1
lacks the over current latchoff feature.
OPTI-LOOP compensation allows the transient response to
be optimized over a wide range of output capacitance and
ESR values. The precision 0.8V reference and power good
output indicator are compatible with future microproces-
sor generations, and a wide 4.5V to 28V (30V maximum/
35V for LTC3728LI-1) input supply range encompasses
all battery chemistries.
A RUN/SS pin for each controller provides soft-start.
Current foldback limits MOSFET dissipation during short-
circuit conditions. The FCB mode pin can select among
Burst Mode operation, constant frequency mode and
continuous inductor current mode or regulate a secondary
winding. The LTC3728L-1 includes a power good output
pin that indicates when both outputs are within 7.5% of
their designed set point.
Figure 1. High Efficiency Dual 5V/3.3V Step-Down Converter
n Dual, 180° Phased Controllers Reduce Required
Input Capacitance and Power Supply Induced Noise
n OPTI-LOOP® Compensation Minimizes COUT
n ±1.5% Output Voltage Accuracy
n Power Good Output Voltage Indicator
n Phase-Lockable Fixed Frequency 250kHz to 550kHz
n Over Current Latchoff Disabled
n Wide VIN Range: 4.5V to 28V (35V for LTC3728LI-1)
Operation
n Very Low Dropout Operation: 99% Duty Cycle
n Adjustable Soft-Start Current Ramping
n Foldback Output Current Limiting
n Output Overvoltage Protection
n Low Shutdown IQ: 20μA
n 5V and 3.3V Standby Regulators
n 3 Selectable Operating Modes: Constant Frequency,
Burst Mode® Operation and PWM
n 5mm
× 5mm QFN and 28-Lead Narrow SSOP
Packages
n Notebook and Palmtop Computers
n Telecom Systems
n Portable Instruments
n Battery-Operated Digital Devices
n DC Power Distribution Systems
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5929620, 6177787, 6144199, 5471178, 5994885, 6100678.
+
4.7μF
D3
D4
M1
CB1, 0.1μF
R2
105k
1%
1000pF
L1
3.2μH
CC1
220pF
1μF
CERAMIC
CIN
22μF
50V
CERAMIC
+
COUT1
47μF
6V
SP
RSENSE1
0.01Ω
R1
20k
1%
RC1
15k
VOUT1
5V
5A
M2
CB2, 0.1μF
R4
63.4k
1%
L2
3.2μH
CC2
220pF
1000pF
+
COUT
56μF
6V
SP
RSENSE2
0.01Ω
R3
20k
1%
RC2
15k
VOUT2
3.3V
5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VOSENSE1
VOSENSE2
ITH1
ITH2
VIN PGOOD INTVCC
RUN/SS1
RUN/SS2
VIN
5.2V TO 28V
M1, M2: FDS6982S
3728l1 F01
CSS1
0.1μF
CSS2
0.1μF
LTC3728L-1
PLLIN
fIN
500kHz


Similar Part No. - LTC1735

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC1735 LINER-LTC1735 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC1735 LINER-LTC1735 Datasheet
205Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LTC1735 LINER-LTC1735 Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1735

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC3728 LINER-LTC3728 Datasheet
676Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC3728LCGN-PBF LINER-LTC3728LCGN-PBF Datasheet
460Kb / 38P
Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728L-1 LINER-LTC3728L-1_15 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC3728 LINER-LTC3728_15 Datasheet
1Mb / 36P
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC3728L LINER-LTC3728L_15 Datasheet
460Kb / 38P
Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728LX LINER-LTC3728LX_15 Datasheet
460Kb / 38P
Dual, 550kHz, 2-Phase Synchronous Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com