Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1735 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1735
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 3 Page - Linear Technology

  LTC1735 Datasheet HTML 1Page - Linear Technology LTC1735 Datasheet HTML 2Page - Linear Technology LTC1735 Datasheet HTML 3Page - Linear Technology LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC3728L-1
3
3728l1fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VOSENSE1, 2
Regulated Feedback Voltage
(Note 3); ITH1, 2 Voltage = 1.2V
● 0.788
0.800
0.812
V
IVOSENSE1, 2
Feedback Current
(Note 3)
– 5
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 3.6V to 30V (Note 3)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 3)
Measured in Servo Loop; ΔITH Voltage = 1.2V to 0.7V
Measured in Servo Loop; ΔITH Voltage = 1.2V to 2.0V
●
●
0.1
– 0.1
0.5
–0.5
%
%
gm1, 2
Transconductance Amplifier gm
ITH1, 2 = 1.2V; Sink/Source 5μA; (Note 3)
1.3
mmho
gmGBW1, 2
Transconductance Amplifier GBW
ITH1, 2 = 1.2V; (Note 3)
3
MHz
IQ
Input DC Supply Current
Normal Mode
Shutdown
(Note 4)
VIN = 15V; EXTVCC Tied to VOUT1; VOUT1 = 5V
VRUN/SS1, 2 = 0V
450
20
35
μA
μA
VFCB
Forced Continuous Threshold
●
0.76
0.800
0.84
V
IFCB
Forced Continuous Pin Current
VFCB = 0.85V
– 0.50
–0.18
–0.1
μA
VBINHIBIT
Burst Inhibit (Constant Frequency)
Threshold
Measured at FCB pin
4.3
4.8
V
UVLO
Undervoltage Lockout
VIN Ramping Down
●
3.5
4
V
VOVL
Feedback Overvoltage Lockout
Measured at VOSENSE1, 2
●
0.84
0.86
0.88
V
ISENSE
Sense Pins Total Source Current
(Each Channel); VSENSE1–, 2– = VSENSE1+, 2+ = 0V
–90
–60
μA
DFMAX
Maximum Duty Factor
In Dropout
98
99.4
%
IRUN/SS1, 2
Soft-Start Charge Current
VRUN/SS1, 2 = 1.9V
0.5
1.2
μA
VRUN/SS1, 2 ON RUN/SS Pin ON Threshold
VRUN/SS1, VRUN/SS2 Rising
1.0
1.5
2.0
V
VSENSE(MAX)
Maximum Current Sense Threshold
VOSENSE1, 2 = 0.7V,VSENSE1–, 2– = 5V
VOSENSE1, 2 = 0.7V,VSENSE1–, 2– = 5V
●
65
62
75
75
85
88
mV
mV
TG1, 2 tr
TG1, 2 tf
TG Transition Time:
Rise Time
Fall Time
(Note 5)
CLOAD = 3300pF
CLOAD = 3300pF
55
55
100
100
ns
ns
BG1, 2 tr
BG1, 2 tf
BG Transition Time:
Rise Time
Fall Time
(Note 5)
CLOAD = 3300pF
CLOAD = 3300pF
45
45
100
90
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
80
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
80
ns
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 6)
100
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0 to 20mA, VEXTVCC = 4V
0.2
2.0
%
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
100
200
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
●
4.5
4.7
V
VLDOHYS
EXTVCC Hysteresis
0.2
V
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLFLTR = 1.2V
360
400
440
kHz
fLOW
Lowest Frequency
VPLLFLTR = 0V
230
260
290
kHz
fHIGH
Highest Frequency
VPLLFLTR ≥ 2.4V
480
550
590
kHz
RPLLIN
PLLIN Input Resistance
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com