Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3757
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3757 Datasheet HTML 15Page - Linear Technology LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LTC3784
19
3784fb
For more information www.linear.com/LTC3784
applicaTions inForMaTion
CIN and COUT Selection
The input ripple current in a boost converter is relatively
low(comparedwiththeoutputripplecurrent),becausethis
currentiscontinuous.TheinputcapacitorCINvoltagerating
should comfortably exceed the maximum input voltage.
Although ceramic capacitors can be relatively tolerant of
overvoltage conditions, aluminum electrolytic capacitors
are not. Be sure to characterize the input voltage for any
possible overvoltage transients that could apply excess
stress to the input capacitors.
The value of CIN is a function of the source impedance, and
in general, the higher the source impedance, the higher the
required input capacitance. The required amount of input
capacitance is also greatly affected by the duty cycle. High
output current applications that also experience high duty
cycles can place great demands on the input supply, both
in terms of DC current and ripple current.
Inaboostconverter,theoutputhasadiscontinuouscurrent,
so COUT must be capable of reducing the output voltage
ripple.TheeffectsofESR(equivalentseriesresistance)and
the bulk capacitance must be considered when choosing
the right capacitor for a given output ripple voltage. The
steady ripple voltage due to charging and discharging
the bulk capacitance in a single phase boost converter
is given by:
VRIPPLE =
IOUT(MAX) •(VOUT − VIN(MIN))
COUT • VOUT • f
V
where COUT is the output filter capacitor.
The steady ripple due to the voltage drop across the ESR
is given by:
ΔVESR = IL(MAX) • ESR
The LTC3784 is configured as a 2-phase single output
converter where the outputs of the two channels are
connected together and both channels have the same
duty cycle. With 2-phase operation, the two channels
are operated 180 degrees out-of-phase. This effectively
interleaves the output capacitor current pulses, greatly
reducing the output capacitor ripple current. As a result,
the ESR requirement of the capacitor can be relaxed.
Because the ripple current in the output capacitor is a
squarewave,theripplecurrentrequirementsfortheoutput
capacitor depend on the duty cycle, the number of phases
and the maximum output current. Figure 3 illustrates the
normalized output capacitor ripple current as a function of
duty cycle in a 2-phase configuration. To choose a ripple
current rating for the output capacitor, first establish the
duty cycle range based on the output voltage and range
of input voltage. Referring to Figure 3, choose the worst-
case high normalized ripple current as a percentage of the
maximum load current.
Figure 3. Normalized Output Capacitor Ripple
Current (RMS) for a Boost Converter
0.1
0.9
3784 F03
0.3
0.5
0.7 0.8
0.2
0.4
0.6
3.25
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
DUTY CYCLE OR (1-VIN/VOUT)
1-PHASE
2-PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com