Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3757
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology LT3757 Datasheet HTML 25Page - Linear Technology LT3757 Datasheet HTML 26Page - Linear Technology LT3757 Datasheet HTML 27Page - Linear Technology LT3757 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LTC3784
24
3784fb
For more information www.linear.com/LTC3784
applicaTions inForMaTion
Since the shutdown may occur at full load, beware that
the load current will result in high power dissipation in the
body diodes of the top MOSFETs. In this case, the PGOOD
output may be used to turn the system load off.
Phase-Locked Loop and Frequency Synchronization
The LTC3784 has an internal phase-locked loop (PLL)
comprised of a phase frequency detector, a lowpass filter
and a voltage-controlled oscillator (VCO). This allows the
turn-on of the bottom MOSFET of channel 1 to be locked
to the rising edge of an external clock signal applied to
the PLLIN/MODE pin. The turn-on of channel 2’s bottom
MOSFETisthus180degreesout-of-phasewiththeexternal
clock. The phase detector is an edge-sensitive digital type
thatprovideszerodegreesphaseshiftbetweentheexternal
and internal oscillators. This type of phase detector does
not exhibit false lock to harmonics of the external clock.
If the external clock frequency is greater than the internal
oscillator’sfrequency,fOSC,thencurrentissourcedcontinu-
ously from the phase detector output, pulling up the VCO
input. When the external clock frequency is less than fOSC,
current is sunk continuously, pulling down the VCO input.
If the external and internal frequencies are the same but
exhibit a phase difference, the current sources turn on for
an amount of time corresponding to the phase difference.
The voltage at the VCO input is adjusted until the phase
and frequency of the internal and external oscillators are
identical. At the stable operating point, the phase detector
output is high impedance and the internal filter capacitor,
CLP , holds the voltage at the VCO input.
Typically,theexternalclock(onthePLLIN/MODEpin)input
highthresholdis1.6V,whiletheinputlowthresholdis1.2V.
Note that the LTC3784 can only be synchronized to an
external clock whose frequency is within range of the
LTC3784’s internal VCO, which is nominally 55kHz to
1MHz.Thisisguaranteedtobebetween75kHzand850kHz.
RapidphaselockingcanbeachievedbyusingtheFREQpin
to set a free-running frequency near the desired synchro-
nization frequency. The VCO’s input voltage is prebiased
at a frequency corresponding to the frequency set by the
FREQ pin. Once prebiased, the PLL only needs to adjust
the frequency slightly to achieve phase lock and synchro-
nization. Although it is not required that the free-running
frequency be near external clock frequency, doing so will
prevent the operating frequency from passing through a
large range of frequencies as the PLL locks.
Figure 7. Relationship Between Oscillator
Frequency and Resistor Value at the FREQ Pin
FREQ PIN RESISTOR (k)
15
600
800
1000
35 45 55
25
3784 F07
400
200
500
700
900
300
100
0
65 75 85 95 105 115 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com