Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4675 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4675
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 9Page - Linear Technology LTM4675 Datasheet HTML 10Page - Linear Technology LTM4675 Datasheet HTML 11Page - Linear Technology LTM4675 Datasheet HTML 12Page - Linear Technology LTM4675 Datasheet HTML 13Page - Linear Technology LTM4675 Datasheet HTML 14Page - Linear Technology LTM4675 Datasheet HTML 15Page - Linear Technology LTM4675 Datasheet HTML 16Page - Linear Technology LTM4675 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3870-1
13
38701f
For more information www.linear.com/LTC3870-1
applicaTions inForMaTion
the phase difference. The voltage on the filter network is
adjusted until the phase and frequency of the internal and
external oscillators are identical. At the stable operating
point, the phase detector output is high impedance and
the filter capacitor holds the voltage.
Typically, the external clock (on the SYNC pin) input high
threshold is 2V, while the input low threshold is 0.4V.
Fault Protection and Responses
LTC3887-1 master controllers monitor system voltage,
current, and temperature and provide many protection
features during fault conditions. LTC3870-1 slave con-
trollers do not provide as many fault monitors as master
controllers and have to respond to fault signals from the
master controller. FAULT0 and FAULT1 pins are designed
to share fault signals between masters and slaves. In a
typical parallel application, connect the FAULT pins on
LTC3870-1 to the master GPIO pins of the correspond-
ing paralleled channels and program the master GPIO as
fault sharing, so that the slave controller can respond to
all fault protections from the master. When the FAULT pin
is pulled below 1.4V, the PWM pin in the corresponding
channel is in three-state. When the FAULT pin voltage is
above 2V, the corresponding channel returns to normal
operation. During fault conditions, all internal circuits in
LTC3870-1 are still running so the slave controllers can
immediately go back to normal operation when the FAULT
pin is released.
LTC3870-1 has internal thermal shutdown protection
which forces the PWM pin three-state when the junction
temperature is higher than 160°C. In thermal shutdown,
FAULT0 and FAULT1 pins are also pulled low. There is a
500kΩ pull-down resistor on each FAULT pin which sets
the default voltage on FAULT pins low if FAULT pins are
left floating.
Transient Response and Loop Stability
In a typical parallel operation, LTC3870-1 cooperates with
master controllers to supply more current. To achieve
balanced current sharing between master and slave, it is
recommended that each slave channel copy the design
from the master channel. Select same inductors, same
MOSFET driver, same current sensing circuit and same
output capacitors between the master channel and slave
channels. Control loop and compensation design on the
ITH pin should start with the single phase operation of the
master controller. If the master and slave channels are
exactly the same, then the transient response and loop
stability of the multiphase design is almost the same as
the single phase operation of the master by tying the ITH
pins together between the master and slaves. For example,
designthecompensationforasinglephase1.8V/20Aoutput
using LTC3887-1 with a 0.56µH inductor and 530µF output
capacitors. To extend the output to 1.8V/40A, simply paral-
lel one channel of LTC3870-1 with the same inductor and
output capacitors (total output capacitors are 1060µF) and
tie the ITH pin of LTC3870-1 to the master ITH. The loop
stabilityandtransientresponsesofthetwophaseconverter
areverysimilartothesinglephasedesignwithoutanyextra
compensator on the ITH pin of LTC3870-1 slave controller.
Furthermore, LTpowerCAD is provided on the LTC website
as a free download for transient and stability analysis.
To minimize the high frequency noise on the ITH trace
between master and slave ITH pins, a small filter capacitor
in the range of tens of pF can be placed closely at each ITH
pin of the slave controller. This small capacitor normally
does not significantly affect the closed loop bandwidth but
increases the gain margin at high frequency.
Mode Selection and Pre-Biased Startup
There may be situations that require the power supply to
start up with a pre-bias on the output capacitors. In this
case, it is desirable to start up without discharging the
output capacitors. The LTC3870-1 can be configured to
DCM mode for pre-biased start-up. If a PGOOD signal is
available on the master controller, the PGOOD pin can be
connected to MODE pins of LTC3870-1 to ensure DCM
operation at startup and CCM operation at steady state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com