Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4675 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4675
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 2 Page - Linear Technology

  LTM4675 Datasheet HTML 1Page - Linear Technology LTM4675 Datasheet HTML 2Page - Linear Technology LTM4675 Datasheet HTML 3Page - Linear Technology LTM4675 Datasheet HTML 4Page - Linear Technology LTM4675 Datasheet HTML 5Page - Linear Technology LTM4675 Datasheet HTML 6Page - Linear Technology LTM4675 Datasheet HTML 7Page - Linear Technology LTM4675 Datasheet HTML 8Page - Linear Technology LTM4675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3870-1
2
38701f
For more information www.linear.com/LTC3870-1
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN ............................................................. –0.3V to 65V
VCC0, VCC1.................................................... –0.3V to 6V
ISENSE0+, ISENSE0−, ISENSE1+, ISENSE1−....... –0.3V to 15V
INTVCC, RUN0/RUN1 .................................. –0.3V to 6V
EXTVCC .................................................... –0.3V to 14V
MODE0/MODE1,
FREQ, PHASMD, ILIM........................–0.3V to INTVCC
FAULT0/FAULT1, ITH0/ITH1, SYNC .............. –0.3V to 3.6V
INTVCC, EXTVCC Peak Current (Note 7) ...............100mA
Operating Junction
Temperature Range............................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
25
GND
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
ISENSE0+
ISENSE0–
RUN0
RUN1
ISENSE1–
ISENSE1+
VCC0
VIN
GND
EXTVCC
INTVCC
VCC1
TJMAX = 125°C, θJA = 46.9°C/W, θJC_BOT = 4.5°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 15V, VRUN0,VRUN1 = 3.3V, fSYNC = 350kHz
(externally driven) unless otherwise specified.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3870EUF-1#PBF
LTC3870EUF-1#TRPBF
38701
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LTC3870IUF-1#PBF
LTC3870IUF-1#TRPBF
38701
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
(Note 3)
4.5
60
V
VOUT
Output Voltage Range
(Note 4)
0.5
14
V
IQ
Input Voltage Supply Current
Normal Operation
VRUN0, VRUN1 = 0V
VRUN0, VRUN1 = 3.3V
1.1
2.6
mA
mA
VUVLO
Undervoltage Lockout Threshold
when VIN > 4.2V
VINTVCC Falling
VINTVCC Rising
3.7
4.0
V
V
CONTROL LOOP
IISENSE0+,
IISENSE1+
Current Sense + Pin Current
VISENSE0,1+ = 3.3V
l
±0.1
±1
µA
IISENSE0–,
IISENSE1–
Current Sense – Pin Current
VISENSE0,1– = 3.3V
l
±0.1
±1
µA
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com