Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3883 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3883
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 2 Page - Linear Technology

  LTC3883 Datasheet HTML 1Page - Linear Technology LTC3883 Datasheet HTML 2Page - Linear Technology LTC3883 Datasheet HTML 3Page - Linear Technology LTC3883 Datasheet HTML 4Page - Linear Technology LTC3883 Datasheet HTML 5Page - Linear Technology LTC3883 Datasheet HTML 6Page - Linear Technology LTC3883 Datasheet HTML 7Page - Linear Technology LTC3883 Datasheet HTML 8Page - Linear Technology LTC3883 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC3870
2
3870fb
For more information www.linear.com/LTC3870
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN ............................................................. –0.3V to 65V
BOOST0, BOOST1.......................................–0.3V to 71V
SW0, SW1 .................................................... –5V to 65V
ISENSE0+, ISENSE0−, ISENSE1+, ISENSE1–..........–0.3V to 15V
(BOOST0-SW0), (BOOST1-SW1) ................. –0.3V to 6V
INTVCC, RUN0/RUN1 ................................... –0.3V to 6V
EXTVCC...................................................... –0.3V to 14V
MODE0/MODE1, FREQ, PHASMD, ILIM...–0.3V to INTVCC
FAULT0/FAULT1, ITH0/ITH1, SYNC .............. –0.3V to 3.6V
INTVCC, EXTVCC Peak Current (Note 9) ...............100mA
Operating Junction Temperature Range
.......................................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
MODE0
ISENSE0+
ISENSE0–
RUN0
RUN1
ISENSE1–
ISENSE1+
MODE1
BOOST0
BG0
VIN
PGND
EXTVCC
INTVCC
BG1
BOOST1
7
17
18
19
20
21
22
16
8
15
29
SGND
TJMAX = 125°C, θJA = 43°C/W, θJC_BOT = 3.4°C/W
EXPOSED PAD (PIN 29) IS SGND, MUST BE SOLDERED TO PCB
orDer inForMaTion
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
(Note 3)
4.5
60
V
VOUT
Output Voltage Range
(Note 4)
0.5
14
V
IQ
Input Voltage Supply Current
Normal Operation
VRUN0,VRUN1 = 0V (Note 5)
VRUN0,VRUN1 = 3.3V, No Caps on TG and BG
1.1
2.6
mA
mA
VUVLO
Undervoltage Lockout Threshold
When VIN > 4.2V
VINTVCC Falling
VINTVCC Rising
3.7
4.0
V
V
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 15V, VRUN0,VRUN1 = 3.3V, fSYNC = 350kHz
(externally driven) unless otherwise specified.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3870EUFD#PBF
LTC3870EUFD#TRPBF
3870
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3870IUFD#PBF
LTC3870IUFD#TRPBF
3870
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com