Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3883 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3883
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 14Page - Linear Technology LTC3883 Datasheet HTML 15Page - Linear Technology LTC3883 Datasheet HTML 16Page - Linear Technology LTC3883 Datasheet HTML 17Page - Linear Technology LTC3883 Datasheet HTML 18Page - Linear Technology LTC3883 Datasheet HTML 19Page - Linear Technology LTC3883 Datasheet HTML 20Page - Linear Technology LTC3883 Datasheet HTML 21Page - Linear Technology LTC3883 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC3870
22
3870fb
For more information www.linear.com/LTC3870
LINEAR TECHNOLOGY CORPORATION 2014
LT 0715 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3870
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC3886
60V Dual Output Step-Down Controller
with Digital Power System Management
4.5V ≤ VIN ≤ 60V, 0.5V ≤ VOUT ≤ 13.8V, Programmable Loop Compensation,
Input Current Sense
LTM4676/
LTM4676A
Dual 13A or Single 26A Step-Down DC/DC µModule
Regulator with Digital Power System Management
4.5V ≤ VIN ≤ 17V/26.5V, 0.5V ≤ VOUT ≤ 4V/5.5V, ±1% VOUT Accuracy,
Fault Logging, I2C/PMBus Interface, 16mm × 16mm × 5mm, BGA Package
LTC3887/
LTC3887-1
Dual Output Multiphase Step-Down DC/DC Controller
with Digital Power System Management, 70ms Start-Up
4.5V ≤ VIN ≤ 24V, 0.5V ≤ VOUT ≤ 5.5V, 70mS Start-Up, Analog Control Loop,
I2C/PMBus Interface, -1 Version Drives DrMOS and Power Blocks
LTC3880/
LTC3880-1
Dual Output Multiphase Step-Down DC/DC Controller
with Digital Power System Management
4.5V ≤ VIN ≤ 24V, 0.5V ≤ VOUT0 ≤ 5.4V, Analog Control Loop,
I2C/PMBus Interface with EEPROM and 16-Bit ADC
LTC3883/
LTC3883-1
Single Phase Step-Down DC/DC Controller
with Digital Power System Management
VIN Up to 24V, 0.5V ≤ VOUT ≤ 5.5V, Input Current Sense Amplifier,
I2C/PMBus Interface with EEPROM and 16-Bit ADC
LTC3882
Dual Output Multiphase Step-Down DC/DC Voltage Mode
Controller with Digital Power System Management
VIN Up to 38V, 0.5V ≤ VOUT1,2 ≤ 5.25V, ±0.5% VOUT Accuracy
I2C/PMBus Interface, Drives DrMOS and Power Blocks
LTC3892-1
60V Low IQ Dual, 2-Phase Synchronous Step-Down
DC/DC Controller
VIN Up to 60V, 0.8V ≤ VOUT ≤ 99%•VIN, 29µA Quiescent Current Adjustable
Gate Drive Voltage
LTC2977
8-Channel PMBus Power System Manager Featuring
Accurate Output Voltage Measurement
Sequence and Supervise Eight Power Supplies Margin or Trim Supplies to
0.25% Accuracy
+
+
VIN
6V TO 24V
5VCC
4.7µF
PHASMD
FREQ
BOOST0
BOOST1
TG0
TG1
SW0
SW1
BG0
BG1
PGND
* REFER TO LTC3880 DATA SHEET
FIGURE TA04 FOR MASTER SETUP
LTC3870
RUN0
SYNC
RUN1
FAULT0
FAULT1
MODE0
MODE1
SGND
0.1µF
0.1µF
1000pF
100
100
0.42µH 0.0015
0.42µH 0.0015
RUN0
GPIO0
GPIO1
RUN1
SYNC
ITH0
ITH1
VSENSE0+
EXTVCC
5VCC
ISENSE0+
ISENSE0–
1000pF
ISENSE1+
ISENSE1–
ITH0
ITH1
VSENSE1
LTC3880-1*
1.5V
84.5k
100
100
530µF
530µF
VOUT
1.5V
80A
VIN
INTVCC
EXTVCC
ILIM
3870 TA04
4-Phase 1.5V Step-Down Converter with Sensing Resistors and External VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com