Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3859AL Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3859AL
Description  60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859AL Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3859AL Datasheet HTML 12Page - Linear Technology LTC3859AL Datasheet HTML 13Page - Linear Technology LTC3859AL Datasheet HTML 14Page - Linear Technology LTC3859AL Datasheet HTML 15Page - Linear Technology LTC3859AL Datasheet HTML 16Page - Linear Technology LTC3859AL Datasheet HTML 17Page - Linear Technology LTC3859AL Datasheet HTML 18Page - Linear Technology LTC3859AL Datasheet HTML 19Page - Linear Technology LTC3859AL Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LTC3899
16
3899fa
For more information www.linear.com/LTC3899
OPERATION (Refer to the Functional Diagrams)
for the boost) even though the voltage on the ITH pin
indicates a lower value. If the average inductor current is
higher than the load current, the error amplifier, EA, will
decrease the voltage on the ITH pin. When the ITH volt-
age drops below 0.425V, the internal sleep signal goes
high (enabling sleep mode) and both external MOSFETs
are turned off. The ITH pin is then disconnected from the
output of the EA and parked at 0.450V.
In sleep mode, much of the internal circuitry is turned off,
reducing the quiescent current that the LTC3899 draws.
If one channel is in sleep mode and the other two are
shut down, the LTC3899 draws only 29μA of quiescent
current (with DRVSET = 0V). If two channels are in sleep
mode and the other shut down, it draws only 34μA of
quiescent current. If all three controllers are enabled in
sleep mode, the LTC3899 draws only 39μA of quiescent
current. In sleep mode, the load current is supplied by
the output capacitor. As the output voltage decreases,
the EA’s output begins to rise. When the output voltage
drops enough, the ITH pin is reconnected to the output
of the EA, the sleep signal goes low, and the controller
resumes normal operation by turning on the top external
MOSFET (the bottom external MOSFET for the boost) on
the next cycle of the internal oscillator.
When a controller is enabled for Burst Mode operation,
the inductor current is not allowed to reverse. The reverse
current comparator (IR) turns off the bottom external
MOSFET (the top external MOSFET for the boost) just
before the inductor current reaches zero, preventing it
from reversing and going negative. Thus, the controller
operates discontinuously.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the ITH pin, just as in normal operation.
In this mode, the efficiency at light loads is lower than in
Burst Mode operation. However, continuous operation
has the advantage of lower output voltage ripple and
less interference to audio circuitry. In forced continuous
mode, the output ripple is independent of load current.
Clocking the LTC3899 from an external source enables
forced continuous mode (see the Frequency Selection
and Phase-Locked Loop section).
WhenthePLLIN/MODEpinisconnectedforpulse-skipping
mode,theLTC3899operatesinPWMpulse-skippingmode
at light loads. In this mode, constant frequency operation
is maintained down to approximately 1% of designed
maximum output current. At very light loads, the current
comparator, ICMP, may remain tripped for several cycles
and force the external top MOSFET (bottom for the boost)
to stay off for the same number of cycles (i.e., skipping
pulses).Theinductorcurrentisnotallowedtoreverse(dis-
continuous operation). This mode, like forced continuous
operation, exhibits low output ripple as well as low audio
noise and reduced RF interference as compared to Burst
Mode operation. It provides higher low current efficiency
than forced continuous mode, but not nearly as high as
Burst Mode operation.
Frequency Selection and Phase-Locked Loop
(FREQ and PLLIN/MODE Pins)
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
The switching frequency of the LTC3899’s controllers can
be selected using the FREQ pin.
If the PLLIN/MODE pin is not being driven by an external
clock source, the FREQ pin can be tied to GND, tied to
INTVCCorprogrammedthroughanexternalresistor.Tying
FREQ to GND selects 350kHz while tying FREQ to INTVCC
selects 535kHz. Placing a resistor between FREQ and GND
allows the frequency to be programmed between 50kHz
and 900kHz, as shown in Figure 10.
A phase-locked loop (PLL) is available on the LTC3899
to synchronize the internal oscillator to an external clock
source that is connected to the PLLIN/MODE pin. The
LTC3899’s phase detector adjusts the voltage (through an
internal lowpass filter) of the VCO input to align the turn-
on of controller 1’s external top MOSFET (and controller
3’s external bottom MOSFET) to the rising edge of the
synchronizing signal. Thus, the turn-on of controller 2’s
external top MOSFET is 180° out of phase to the rising
edge of the external clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com