Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3859AL Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3859AL
Description  60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859AL Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3859AL Datasheet HTML 28Page - Linear Technology LTC3859AL Datasheet HTML 29Page - Linear Technology LTC3859AL Datasheet HTML 30Page - Linear Technology LTC3859AL Datasheet HTML 31Page - Linear Technology LTC3859AL Datasheet HTML 32Page - Linear Technology LTC3859AL Datasheet HTML 33Page - Linear Technology LTC3859AL Datasheet HTML 34Page - Linear Technology LTC3859AL Datasheet HTML 35Page - Linear Technology LTC3859AL Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTC3899
32
3899fa
For more information www.linear.com/LTC3899
APPLICATIONS INFORMATION
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
IC. Figure 11 illustrates the current waveforms present in
the various branches of the 2-phase synchronous buck
regulators operating in the continuous mode. Check the
following in your layout:
1. Are the top N-channel MOSFETs MTOP1 and MTOP2
located within 1cm of each other with a common drain
connection at CIN? Do not attempt to split the input
decoupling for the two channels as it can cause a large
resonant loop.
2. Are the signal and power grounds kept separate? The
combined IC signal ground pin and the ground return
of CDRVCC must return to the combined COUT (–) termi-
nals. The path formed by the top N-channel MOSFET,
Schottky diode and the CIN capacitor should have short
leads and PC trace lengths. The output capacitor (–)
terminals should be connected as close as possible
to the (–) terminals of the input capacitor by placing
the capacitors next to each other and away from the
Schottky loop described above.
3. Does the LTC3899 VFB pins’ resistive divider connect to
the (+) terminal of COUT? The resistive divider must be
connected between the (+) terminal of COUT and signal
ground. The feedback resistor connections should not
be along the high current input feeds from the input
capacitor(s).
RL1
L1
SW1
RSENSE1
VOUT1
COUT1
VIN
CIN
RIN
RL2
BOLD LINES INDICATE
HIGH SWITCHING
CURRENT. KEEP LINES
TO A MINIMUM LENGTH.
L2
SW2
3899 F12
RSENSE2
VOUT2
COUT2
Figure 11. Branch Current Waveforms for Bucks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com