Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3864 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3864
Description  Low IQ, 60V, High Frequency Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3864 Datasheet(HTML) 2 Page - Linear Technology

  LTC3864 Datasheet HTML 1Page - Linear Technology LTC3864 Datasheet HTML 2Page - Linear Technology LTC3864 Datasheet HTML 3Page - Linear Technology LTC3864 Datasheet HTML 4Page - Linear Technology LTC3864 Datasheet HTML 5Page - Linear Technology LTC3864 Datasheet HTML 6Page - Linear Technology LTC3864 Datasheet HTML 7Page - Linear Technology LTC3864 Datasheet HTML 8Page - Linear Technology LTC3864 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC7800
2
7800f
For more information www.linear.com/LTC7800
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 65V
Topside Driver Voltage (BOOST).................–0.3V to 71V
Switch Voltage (SW)..................................... –5V to 65V
(BOOST-SW)................................................ –0.3V to 6V
BG, TG ............................................................... (Note 8)
RUN ............................................................. –0.3V to 8V
Maximum Current Sourced into Pin from
Source > 8V......................................................100μA
SENSE+, SENSE– Voltages ......................... –0.3V to 28V
PLLIN/MODE, INTVCC Voltages ................... –0.3V to 6V
ILIM, FREQ Voltages ..............................–0.3V to INTVCC
EXTVCC...................................................... –0.3V to 14V
ITH, VFB Voltages......................................... –0.3V to 6V
PGOOD Voltage............................................ –0.3V to 6V
TRACK/SS Voltage....................................... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3)
LTC7800E, LTC7800I ......................... –40°C to 125°C
LTC7800H.......................................... –40°C to 150°C
Maximum Junction Temperature (Notes 2, 3)
LTC7800E, LTC7800I ........................................ 125°C
LTC7800H......................................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
20 19 18 17
7
8
TOP VIEW
21
SGND
UDC PACKAGE
20-LEAD (3mm × 4mm) PLASTIC QFN
9 10
6
5
4
3
2
1
11
12
13
14
15
16
PLLIN/MODE
SGND
SGND
RUN
SENSE–
SENSE+
PGND
EXTVCC
INTVCC
BG
BOOST
SW
TJMAX = 150°C, θJA = 52°C/W
EXPOSED PAD (PIN 21) IS SGND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7800EUDC#PBF
LTC7800EUDC#TRPBF
LHBS
20-Lead (3mm × 4mm) Plastic QFN
–40°C to 125°C
LTC7800IUDC#PBF
LTC7800IUDC#TRPBF
LHBS
20-Lead (3mm × 4mm) Plastic QFN
–40°C to 125°C
LTC7800HUDC#PBF
LTC7800HUDC#TRPBF
LHBS
20-Lead (3mm × 4mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
ORDER INFORMATION http://www.linear.com/product/LTC7800#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com