Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3864 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3864
Description  Low IQ, 60V, High Frequency Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3864 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3864 Datasheet HTML 16Page - Linear Technology LTC3864 Datasheet HTML 17Page - Linear Technology LTC3864 Datasheet HTML 18Page - Linear Technology LTC3864 Datasheet HTML 19Page - Linear Technology LTC3864 Datasheet HTML 20Page - Linear Technology LTC3864 Datasheet HTML 21Page - Linear Technology LTC3864 Datasheet HTML 22Page - Linear Technology LTC3864 Datasheet HTML 23Page - Linear Technology LTC3864 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC7800
20
7800f
For more information www.linear.com/LTC7800
INTVCC Regulators
The LTC7800 features two separate internal P-channel
low dropout linear regulators (LDO) that supply power
at the INTVCC pin from either the VIN supply pin or the
EXTVCC pin depending on the connection of the EXTVCC
pin. INTVCC powers the gate drivers and much of the
LTC7800’s internal circuitry. The VIN LDO and the EXTVCC
LDO regulate INTVCC to 5.1V. Each of these can supply a
peak current of at least 50mA and must be bypassed to
ground with a minimum of 2.2μF ceramic capacitor. No
matter what type of bulk capacitor is used, an additional
1μFceramiccapacitorplaceddirectlyadjacenttotheINTVCC
and PGND pins is highly recommended. Good bypassing
is needed to supply the high transient currents required
by the MOSFET gate drivers.
HighinputvoltageapplicationsinwhichlargeMOSFETsare
being driven at high frequencies may cause the maximum
junctiontemperatureratingfortheLTC7800tobeexceeded.
TheINTVCCcurrent,whichisdominatedbythegatecharge
current, may be supplied by either the VIN LDO or the
EXTVCC LDO. When the voltage on the EXTVCC pin is less
than4.7V,theVINLDOisenabled.Powerdissipationforthe
IC in this case is highest and is equal to VIN • IINTVCC. The
gate charge current is dependent on operating frequency
as discussed in the Efficiency Considerations section. The
junction temperature can be estimated by using the equa-
tions given in Note 3 of the Electrical Characteristics. For
example, the LTC7800 INTVCC current is limited to less
than 26mA from a 40V supply when not using the EXTVCC
supply at a 70°C ambient temperature:
TJ = 70°C + (26mA)(40V)(52°C/W) = 124°C
To prevent the maximum junction temperature from be-
ing exceeded, the input supply current must be checked
while operating in forced continuous mode (PLLIN/MODE
= INTVCC) at maximum VIN.
When the voltage applied to EXTVCC rises above 4.7V, the
VIN LDO is turned off and the EXTVCC LDO is enabled. The
EXTVCC LDO remains on as long as the voltage applied to
EXTVCC remains above 4.5V. The EXTVCC LDO attempts
to regulate the INTVCC voltage to 5.1V, so while EXTVCC
is less than 5.1V, the LDO is in dropout and the INTVCC
voltage is approximately equal to EXTVCC. When EXTVCC
is greater than 5.1V, up to an absolute maximum of 14V,
INTVCC is regulated to 5.1V.
Using the EXTVCC LDO allows the MOSFET driver and
control power to be derived from the LTC7800’s switch-
ing output (4.7V ≤ VOUT ≤ 14V) during normal operation
and from the VIN LDO when the output is out of regulation
(e.g., start-up, short-circuit). If more current is required
through the EXTVCC LDO than is specified, an external
Schottky diode can be added between the EXTVCC and
INTVCC pins. In this case, do not apply more than 6V to
the EXTVCC pin and make sure that EXTVCC ≤ VIN.
Significant efficiency and thermal gains can be realized
by powering INTVCC from the output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of (Duty Cycle)/(Switcher Efficiency).
For 5V to 14V regulator outputs, this means connecting
the EXTVCC pin directly to VOUT. Tying the EXTVCC pin to
an 8.5V supply reduces the junction temperature in the
previous example from 125°C to:
TJ = 70°C + (26mA)(8.5V)(52°C/W) = 81°C
However,for3.3Vandotherlowvoltageoutputs,additional
circuitryisrequiredtoderiveINTVCCpowerfromtheoutput.
The following list summarizes the three possible connec-
tions for EXTVCC:
1. EXTVCCGrounded.ThiswillcauseINTVCCtobepowered
fromtheinternal5.1Vregulatorresultinginanefficiency
penalty of up to 10% at high input voltages.
2. EXTVCC Connected Directly to VOUT. This is the normal
connection for a 5V to 14V regulator and provides the
highest efficiency.
3. EXTVCC Connected to an External Supply. If an external
supply is available in the 5V to 14V range, it may be
used to power EXTVCC providing it is compatible with
the MOSFET gate drive requirements. Ensure that
EXTVCC < VIN.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com