Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7813 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 9Page - Linear Technology LTC7813 Datasheet HTML 10Page - Linear Technology LTC7813 Datasheet HTML 11Page - Linear Technology LTC7813 Datasheet HTML 12Page - Linear Technology LTC7813 Datasheet HTML 13Page - Linear Technology LTC7813 Datasheet HTML 14Page - Linear Technology LTC7813 Datasheet HTML 15Page - Linear Technology LTC7813 Datasheet HTML 16Page - Linear Technology LTC7813 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC3895
13
3895fa
For more information www.linear.com/LTC3895
operaTion
The RUN pin has no internal pull-up current, so the pin
must be externally pulled up or driven directly by logic.
The RUN pin can tolerate up to 150V (absolute maximum),
so it can be conveniently tied to VIN in always-on applica-
tions where the controller is enabled continuously and
never shut down.
The start-up of the controller’s output voltage VOUT is
controlled by the voltage on the SS pin. When the voltage
on the SS pin is less than the 0.8V internal reference, the
LTC3895 regulates the VFB voltage to the SS pin voltage
instead of the 0.8V reference. This allows the SS pin to
be used to program a soft-start by connecting an exter-
nal capacitor from the SS pin to GND. An internal 10μA
pull-up current charges this capacitor creating a voltage
ramp on the SS pin. As the SS voltage rises linearly from
0V to 0.8V (and beyond), the output voltage VOUT rises
smoothly from zero to its final value.
Light Load Current Operation (Burst Mode Operation,
Pulse-Skipping or Forced Continuous Mode) (MODE Pin)
The LTC3895 can be enabled to enter high efficiency
Burst Mode operation, constant frequency pulse-skipping
mode, or forced continuous conduction mode at light load
currents. To select Burst Mode operation, tie the MODE
pin to GND or a voltage between 0.5V and 1.0V. To select
forced continuous operation, tie the MODE pin to INTVCC.
To select pulse-skipping mode, tie the MODE pin to a DC
voltage greater than 1.4V and less than INTVCC – 1.3V.
This can be done with a simple resistor divider off INTVCC,
with both resistors being 100k.
When the controller is enabled for Burst Mode operation,
the minimum peak current in the inductor (burst clamp) is
adjustable and can be programmed by the voltage on the
MODE pin. Tying the MODE pin to GND sets the default
burst clamp to approximately 25% of the maximum sense
voltage even when the voltage on the ITH pin indicates a
lowervalue.Avoltagebetween0.5Vand1.0VontheMODE
pin programs the burst clamp linearly between 10% and
60% of the maximum sense voltage.
In Burst Mode operation, if the average inductor current
is higher than the load current, the error amplifier, EA, will
decrease the voltage on the ITH pin. When the ITH volt-
age drops below 0.425V, the internal sleep signal goes
high (enabling sleep mode) and both external MOSFETs
are turned off. The ITH pin is then disconnected from the
output of the EA and parked at 0.450V.
In sleep mode, much of the internal circuitry is turned off,
reducing the quiescent current that the LTC3895 draws
to only 40μA. In sleep mode, the load current is supplied
by the output capacitor. As the output voltage decreases,
the EA’s output begins to rise. When the output voltage
drops enough, the ITH pin is reconnected to the output
of the EA, the sleep signal goes low, and the controller
resumes normal operation by turning on the top external
MOSFET on the next cycle of the internal oscillator.
When the controller is enabled for Burst Mode operation,
the inductor current is not allowed to reverse. The reverse
current comparator (IR) turns off the bottom external
MOSFET just before the inductor current reaches zero,
preventing it from reversing and going negative. Thus,
the controller operates discontinuously.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the ITH pin, just as in normal operation.
In this mode, the efficiency at light loads is lower than in
Burst Mode operation. However, continuous operation
has the advantage of lower output voltage ripple and less
interference to audio circuitry. In forced continuous mode,
the output ripple is independent of load current.
WhentheMODEpinisconnectedforpulse-skippingmode,
the LTC3895 operates in PWM pulse-skipping mode at
light loads. In this mode, constant frequency operation
is maintained down to approximately 1% of designed
maximum output current. At very light loads, the current
comparator, ICMP, may remain tripped for several cycles
and force the external top MOSFET to stay off for the same
number of cycles (i.e., skipping pulses). The inductor cur-
rent is not allowed to reverse (discontinuous operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com