Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7813 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 16Page - Linear Technology LTC7813 Datasheet HTML 17Page - Linear Technology LTC7813 Datasheet HTML 18Page - Linear Technology LTC7813 Datasheet HTML 19Page - Linear Technology LTC7813 Datasheet HTML 20Page - Linear Technology LTC7813 Datasheet HTML 21Page - Linear Technology LTC7813 Datasheet HTML 22Page - Linear Technology LTC7813 Datasheet HTML 23Page - Linear Technology LTC7813 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTC3895
20
3895fa
For more information www.linear.com/LTC3895
Incontinuousmode,thesourcecurrentofthetopMOSFET
is a square wave of duty cycle (VOUT)/(VIN). To prevent
large voltage transients, a low ESR capacitor sized for the
maximumRMScurrentmustbeused.ThemaximumRMS
capacitor current is given by:
CIN Required IRMS ≈
IMAX
VIN
(VOUT)(VIN − VOUT)
[
]
1/2
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do not
offermuchrelief.Notethatcapacitormanufacturers’ripple
current ratings are often based on only 2000 hours of life.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may be paralleled to meet
size or height requirements in the design. Due to the high
operating frequency of the LTC3895, ceramic capacitors
can also be used for CIN. Always consult the manufacturer
if there is any question.
A small (0.1μF to 1μF) bypass capacitor between the chip
VIN pin and ground, placed close to the LTC3895, is also
suggested. A small (≤10Ω) resistor placed between CIN
(C1) and the VIN pin provides further isolation.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (∆VOUT) is approximated by:
ΔVOUT ≈ ΔIL ESR+
1
8 • f • COUT
⎛
⎝
⎜
⎞
⎠
⎟
where f is the operating frequency, COUT is the output
capacitance and ∆IL is the ripple current in the inductor.
The output ripple is highest at maximum input voltage
since ∆IL increases with input voltage.
applicaTions inForMaTion
Setting Output Voltage
The LTC3895 output voltage is set by an external feed-
back resistor divider carefully placed across the output,
as shown in Figure 4a. The regulated output voltage is
determined by:
VOUT = 0.8V 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟
To improve the frequency response, a feedforward ca-
pacitor, CFF, may be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
The LTC3895 also has the option to be programmed to
a fixed 5V or 3.3V output through control of the VPRG
pin. Figure 4b shows how the VFB pin is used to sense
the output voltage in fixed output mode. Tying VPRG to
INTVCCorGNDprogramsVOUTto5Vor3.3V,respectively.
Floating VPRG sets VOUT to adjustable output mode using
external resistors.
3895 F04a
LTC3895
VFB
RB
CFF
RA
VOUT
3895 F04b
LTC3895
VFB
VPRG
INTVCC/GND
COUT
VOUT
5V/3.3V
(4a) Setting Adjustable Output Voltage
(4b) Setting Output to Fixed 5V/3.3V Voltage
Figure 4. Setting Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com