Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6911D
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6911D Datasheet HTML 2Page - STMicroelectronics L6911D Datasheet HTML 3Page - STMicroelectronics L6911D Datasheet HTML 4Page - STMicroelectronics L6911D Datasheet HTML 5Page - STMicroelectronics L6911D Datasheet HTML 6Page - STMicroelectronics L6911D Datasheet HTML 7Page - STMicroelectronics L6911D Datasheet HTML 8Page - STMicroelectronics L6911D Datasheet HTML 9Page - STMicroelectronics L6911D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
L6911D
6/17
VCC = 12V
VCC = 5V
Switching frequency variations vs. RT are reported in Fig.1.
Note that forcing a 50
µA current into this pin, the device stops switching because no current is delivered to the
oscillator.
Figure 1.
Digital to Analog Converter
The built-in digital to analog converter allows the adjustment of the output voltage from 1.30V to 2.05V with
50mV binary steps and from 2.10V to 3.50V with 100mV binary steps as shown in the previous table 1. The
internal reference is trimmed to ensure the precision of 1%.
The internal reference voltage for the regulation is programmed by the voltage identification (VID) pins. These
are TTL compatible inputs of an internal DAC that is realized by means of a series of resistors providing a par-
tition of the internal voltage reference. The VID code drives a multiplexer that selects a voltage on a precise
point of the divider. The DAC output is delivered to an amplifier obtaining the VPROG voltage reference (i.e. the
set-point of the error amplifier). Internal pull-ups are provided (realized with a 5
µA current generator); in this
way, to program a logic "1" it is enough to leave the pin floating, while to program a logic "0" it is enough to short
the pin to GND.
The voltage identification (VID) pin configuration also sets the power-good thresholds (PGOOD) and the over-
voltage protection (OVP) thresholds.
The VID code "11111" disable the device (as a short on the SS pin) and no output voltage is regulated.
Soft Start and Inhibit
At start-up a ramp is generated charging the external capacitor CSS by means of a 10µA constant current, as
shown in figure 1.
When the voltage across the soft start capacitor (VSS) reaches 0.5V the lower power MOS is turned on to dis-
f
S
200kH z
4.306 10
7
⋅
R
T k Ω
()
-----------------------------
+
=
f
S
200kH z
15 10
7
⋅
R
T k Ω
()
--------------------
+
=
10
100
1000
F re quency [kH z]
10
10 0
1000
10000
R T to G N D
R T to V C C =1 2 V
R T to V C C =5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com