Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6911D
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6911D Datasheet HTML 9Page - STMicroelectronics L6911D Datasheet HTML 10Page - STMicroelectronics L6911D Datasheet HTML 11Page - STMicroelectronics L6911D Datasheet HTML 12Page - STMicroelectronics L6911D Datasheet HTML 13Page - STMicroelectronics L6911D Datasheet HTML 14Page - STMicroelectronics L6911D Datasheet HTML 15Page - STMicroelectronics L6911D Datasheet HTML 16Page - STMicroelectronics L6911D Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
L6911D
14/17
Figure 9. Voltage regulation with droop function block scheme
It results:
Because in the interested range |Gloop|>>1.
To obtain a flat shape, the relationship considered will naturally follow.
Application Idea: 1.100V to 1.850V / 25A
Figure 10 shows an application schematic for a 1.100V to 1.850V conversion with 25A of current capability.
Since the device's high gate drive, more than one mosfet for both high side and low side can be used: three
STS11NF30L (30V, 9mW typ @ Vgs=10V) mosfet are suggested for high side while four of them are suggested
as low side switch.
Figure 10. Schematic Circuit
Av(s)
R(s )
V out
Vco m p
Iout
d
s
L
s
OUT
R
τ
τ
⋅
+
⋅
+
⋅
1
1
Z
OUT
V
o
I
LO AD
----------------
R
d
1s
τ
L
+
1s
τ
d
+
------------------
G
LOOP
1G
L OOP
+
-----------------------------
⋅⋅
R
OUT
1s
τ
L
+
1s
τ
d
+
------------------
⋅
==
=
L2
L1
R7
R8
R9
C1-3
C23
C4-9
C17
Q4,Q5,Q6
Q1,Q2, Q3
D2
C17
F1
16
17
13
14
2
4
5
6
7
8
U1
L6911D
+5 VIN
+12Vcc
VOUTCORE
Vss
10
15
9
3
20
18
11
19
12
1
VCC
GND
VID0
VID1
VID2
VID3
VID4
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VSEN
VFB
COMP
R3
R4
R5
R2
C18
C19
C20
VID0
VID1
VID2
VID3
VID25mV
C24
D1
R6
R1
OVP
R10
C16
PWRGD
R15
R14
R13
C21-22
BOOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com