Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP22 Datasheet(PDF) 8 Page - Microchip Technology

Part # SST12LP22
Description  2.4 GHz High-Linearity, High-Efficiency Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP22 Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST12LP22 Datasheet HTML 4Page - Microchip Technology SST12LP22 Datasheet HTML 5Page - Microchip Technology SST12LP22 Datasheet HTML 6Page - Microchip Technology SST12LP22 Datasheet HTML 7Page - Microchip Technology SST12LP22 Datasheet HTML 8Page - Microchip Technology SST12LP22 Datasheet HTML 9Page - Microchip Technology SST12LP22 Datasheet HTML 10Page - Microchip Technology SST12LP22 Datasheet HTML 11Page - Microchip Technology SST12LP22 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SST12LP22
DS70005206A-page 8
Preliminary
 2014 Microchip Technology Inc.
FIGURE 5-3:
DYNAMIC EVM VERSUS OUTPUT POWER 256 QAM, MCS9-HT40, 50% DUTY
CYCLE
FIGURE 5-4:
POWER GAIN VERSUS OUTPUT POWER
70005206 F3.0
0
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9
10
11121314151617181920
Output Power (dBm)
Dynamic EVM versus Output Power
2412
2442
2472
70005206 F4.0
20
21
22
23
24
25
26
27
28
29
30
0123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Power Gain versus Output Power
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com