Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP22 Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12LP22
Description  2.4 GHz High-Linearity, High-Efficiency Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP22 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12LP22 Datasheet HTML 6Page - Microchip Technology SST12LP22 Datasheet HTML 7Page - Microchip Technology SST12LP22 Datasheet HTML 8Page - Microchip Technology SST12LP22 Datasheet HTML 9Page - Microchip Technology SST12LP22 Datasheet HTML 10Page - Microchip Technology SST12LP22 Datasheet HTML 11Page - Microchip Technology SST12LP22 Datasheet HTML 12Page - Microchip Technology SST12LP22 Datasheet HTML 13Page - Microchip Technology SST12LP22 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SST12LP22
DS70005206A-page 10
Preliminary
 2014 Microchip Technology Inc.
FIGURE 5-7:
DYNAMIC EVM VERSUS OUTPUT POWER (WITH HARMONIC FILTER IN
Figure 5-9)
FIGURE 5-8:
TYPICAL SCHEMATIC FOR 256 QAM APPLICATIONS
70005206 F7.0
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
EVM versus Output Power
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
RFOUT
50
Ω /1mm
VREG
Vcc
1 µF
VDET
70005206 Schematic.1.0
Suggested operation conditions:
1. VCC = 3.3V/ VREG = 2.95V
2. Center slug to RF ground
50
Ω/3mm
1.3 pF
100 pF
4.7 µF
2
56
8
16
15
1
14
49
11
12
10
13
3
7
RFIN
50
Ω
0
Ω
12 nH
1 µF
Bias
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com