Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6225PD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6225PD
Description  DUAL DMOS FULL BRIDGE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225PD Datasheet(HTML) 4 Page - STMicroelectronics

  L6225PD Datasheet HTML 1Page - STMicroelectronics L6225PD Datasheet HTML 2Page - STMicroelectronics L6225PD Datasheet HTML 3Page - STMicroelectronics L6225PD Datasheet HTML 4Page - STMicroelectronics L6225PD Datasheet HTML 5Page - STMicroelectronics L6225PD Datasheet HTML 6Page - STMicroelectronics L6225PD Datasheet HTML 7Page - STMicroelectronics L6225PD Datasheet HTML 8Page - STMicroelectronics L6225PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L6225
4/10
PIN DESCRIPTION
THERMAL DATA
Name
PowerSO20
PowerDIP20/
SO20
Function
VSA
2
17
Supply Voltage of the Bridge A.
VSB
19
14
Supply Voltage of the Bridge B. This pin must be connected to VSA.
OUT1A
OUT2A
9
3
4
18
Bridge A outputs.
OUT1B
OUT2B
12
18
7
13
Bridge B outputs.
SENSEA
8
3
Sense resistor for the bridge A
SENSEB
13
8
Sense resistor for the bridge B
GND
1,10,11,20
5, 6,15,16
Common ground terminals. In Powerdip and SO packages, these pins are
also used for heat dissipation toward the PCB.
ENA
5
20
Enable of the Bridge A. A LOW logic level applied to this pin switches off
all the power DMOSs of the related bridge.
The Bridge A over current protection open drain is internally connected to
this pin.
ENB
16
11
Enable of the Bridge B. A LOW logic level applied to this pin switches off
all the power DMOSs of the related bridge.
The Bridge B over current protection open drain is internally connected to
this pin.
IN1A
IN2A
6
7
1
2
Logic inputs of the Bridge B. Provided the ENA signal is HIGH, a HIGH
logic level applied to any of these pins switches on the related high side
power DMOS, while a logic LOW switches on the related low side power
DMOS .
IN1B
IN2B
14
15
9
10
Logic inputs of the Bridge B. Provided the ENB signal is HIGH, a HIGH
logic level applied to any of these pins switches on the related high side
power DMOS, while a logic LOW switches on the related low side power
DMOS .
VCP
4
19
Bootstrap Oscillator. Oscillator output for the external charge pump.
VBOOT
17
12
Supply voltage to overdrive the upper DMOSs.
Symbol
Description
PowerDIP20
SO20
PowerSO20
Unit
Rth-j-pins
MaximumThermal Resistance Junction-Pins
13
15
-
°C/W
Rth-j-case
Maximum Thermal Resistance Junction-Case
-
-
2
°C/W
Rth-j-amb1
MaximumThermal Resistance Junction-Ambient (1)
(1) Mounted on a multilayer FR4 PCB with a dissipating copper surface on the bottom side of 6 cm2 (with a thickness of 35
µm).
41
51
-
°C/W
Rth-j-amb1
Maximum Thermal Resistance Junction-Ambient (2)
(2) Mounted on a multilayer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35
µm).
--
36
°C/W
Rth-j-amb1
MaximumThermal Resistance Junction-Ambient (3)
(3) Mounted on a multilayer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35
µm), 16 via holes
and a ground layer.
--
16
°C/W
Rth-j-amb2
Maximum Thermal Resistance Junction-Ambient (4)
(4) Mounted on a multiplayer PCB without any heatsinking surface on the board.
57
78
63
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com