Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6225PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6225PD
Description  DUAL DMOS FULL BRIDGE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225PD Datasheet(HTML) 1 Page - STMicroelectronics

  L6225PD Datasheet HTML 1Page - STMicroelectronics L6225PD Datasheet HTML 2Page - STMicroelectronics L6225PD Datasheet HTML 3Page - STMicroelectronics L6225PD Datasheet HTML 4Page - STMicroelectronics L6225PD Datasheet HTML 5Page - STMicroelectronics L6225PD Datasheet HTML 6Page - STMicroelectronics L6225PD Datasheet HTML 7Page - STMicroelectronics L6225PD Datasheet HTML 8Page - STMicroelectronics L6225PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
L6225
March 2001
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change with out notice.
s
OPERATING SUPPLY VOLTAGE FROM 8 TO
52V
s
2.8A PEAK CURRENT (1.4A DC)
s
RDS (ON) 0.73Ω TYP. VALUE @ Tj =25
°C
s
CROSS CONDUCTION PROTECTION
s
THERMAL SHUTDOWN
s
OPERATING FREQUENCY UP TO 100KHz
s
HIGH SIDE OVER CURRENT PROTECTION
s
CMOS/TTL INPUT
s
INTRINSIC FAST FREE WHEELING DIODES
s
UNDER VOLTAGE LOCKOUT
TYPICAL APPLICATIONS
s
STEPPER MOTOR
s
DUAL OR QUAD DC MOTOR
DESCRIPTION
The L6225 is a dual full bridge driver for motor control
applications manufactured with Multipower BCD
technology which combines isolated DMOS power
transistors with CMOS and bipolar circuits on the
same chip.
The Logic Inputs are CMOS/TTL and
µP compatible.
The High Side switches are protected against unsafe
over current conditions.
Each full bridge is controlled by a separate Enable
and has a sense pin for the current sense resistor in-
sertion. Another feature is the thermal shutdown.
The L6225 is assembled in PowerDIP20(16+2+2),
PowerSO20 and SO20(16+2+2) packages.
PowerDIP20
PowerSO20
SO20
(16+2+2)
(16+2+2)
ORDERING NUMBERS:
L6225N
L6225PD
L6225D
PRELIMINARY DATA
DUAL DMOS FULL BRIDGE MOTOR DRIVER
BLOCK DIAGRAM
IN1B
GND
GND
VSA
VSA
VSA
Logic
&
Drivers
VSB
VSB
VSB
Charg e
Pump
GND
VSA
OUT2A
VCP
ENB
IN1A
IN2A
SENSEA
OUT1A
GND
VSB
OUT2B
VBOOT
ENA
IN2B
SENSEB
OUT1B


Similar Part No. - L6225PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6225PD STMICROELECTRONICS-L6225PD Datasheet
379Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6225PD STMICROELECTRONICS-L6225PD Datasheet
389Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6225PDTR STMICROELECTRONICS-L6225PDTR Datasheet
389Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
More results

Similar Description - L6225PD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A3965 ALLEGRO-A3965 Datasheet
390Kb / 8P
DMOS Dual Full-Bridge PWM Motor Driver
November 1, 2004
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
DMOS Dual Full Bridge PWM Motor Driver
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
DMOS Dual Full-Bridge PWM Motor Driver
A3916 ALLEGRO-A3916 Datasheet
487Kb / 11P
Dual DMOS Full-Bridge Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
AMT49702 ALLEGRO-AMT49702 Datasheet
560Kb / 10P
Dual DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com