Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHC4913 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LHC4913
Description  3A POSITIVE LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LHC4913 Datasheet(HTML) 1 Page - STMicroelectronics

  LHC4913 Datasheet HTML 1Page - STMicroelectronics LHC4913 Datasheet HTML 2Page - STMicroelectronics LHC4913 Datasheet HTML 3Page - STMicroelectronics LHC4913 Datasheet HTML 4Page - STMicroelectronics LHC4913 Datasheet HTML 5Page - STMicroelectronics LHC4913 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
August 2002
s
LOW OUTPUT CAPACITANCE: 1
µF
s
LOW DROP VOLTAGE:
0.5V @ IO=1A
1.5V @ IO=3A
s
OVERTEMPERATURE PROTECTION
s
OVERCURRENT PROTECTION
s
OUTPUT SHORT CIRCUIT MONITORING,
SIGNALLED BY TTL OUTPUT
s
ON/OFF EXTERNAL CONTROL BY MEANS
OF TTL COMPATIBLE INPUT
s
ADJUSTABLE CURRENT LIMITATION
PROTECTS OUTPUTS FROM DAMAGING
SHORTCIRCUITS
s
REMOTE SENSING OPERATION
DESCRIPTION
The LHC4913 is a positive Voltage Regulator
family
including
both
fixed
and
adjustable
versions. Housed into
SO-20 slug-up package
with stand off zero, it is specifically intended for
applications in rugged environments, such as
Nuclear Physics, in which it has to withstand large
amounts of radiation doses during operating life.
The fixed output voltages available are 2.5, 3.0,
3.3, 5.0 and 8.0V. Input voltage ranges from 3 to
12V.
LHC4913
SERIES
3A POSITIVE LOW DROP VOLTAGE REGULATOR
WITH INHIBIT FUNCTION
This is preliminary information on a new product now in development. Details are subject to change without notice.
SCHEMATIC DIAGRAM
PowerSO-20 slug-up
ADVANCE DATA


Similar Part No. - LHC4913

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
LHC EDI-LHC Datasheet
48Kb / 2P
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
logo
Inventronics Inc.
LHC-024S035RSP INVENTRONICS-LHC-024S035RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S050RSP INVENTRONICS-LHC-024S050RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S070RSP INVENTRONICS-LHC-024S070RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S105RSP INVENTRONICS-LHC-024S105RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
More results

Similar Description - LHC4913

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
Jul-2003
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
Mar-2004
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Aug-2008
LM2931XX STMICROELECTRONICS-LM2931XX Datasheet
884Kb / 23P
Very low drop voltage regulators with inhibit function
10-Jul-2008
LM2931XX STMICROELECTRONICS-LM2931XX_10 Datasheet
857Kb / 21P
Very low drop voltage regulators with inhibit function
26-May-2010
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Jan-2009
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com