Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHC4913 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LHC4913
Description  3A POSITIVE LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LHC4913 Datasheet(HTML) 2 Page - STMicroelectronics

  LHC4913 Datasheet HTML 1Page - STMicroelectronics LHC4913 Datasheet HTML 2Page - STMicroelectronics LHC4913 Datasheet HTML 3Page - STMicroelectronics LHC4913 Datasheet HTML 4Page - STMicroelectronics LHC4913 Datasheet HTML 5Page - STMicroelectronics LHC4913 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LHC4913 SERIES
2/6
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION FOR ADJUSTABLE
VERSION
ORDERING CODES
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
14
V
VINH
INHIBIT Input Voltage
VI +0.5
V
IO
Output Current
Internally limited
Ptot
Power Dissipation
Internally limited
Tstg
Storage Temperature Range
-40 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
PowerSO-20 slug-up
Unit
Rthj-case
Thermal Resistance Junction-case
2°C/W
Pin N°
Symbol
Name and Function
1
GND
Ground Pin
2
NC
Not Connected
3
NC
Not Connected
4VI
Positive Supply Voltage
5VO1
Output Pin
6VO1
Output Pin
7
SH-CNTRL Short Circuit Valve Controlling
8
OCM
Over Current Monitoring
9
NC
Not Connected
10
GND
Ground Pin
11
GND
Ground Pin
12
INH
Inhibit
13
ADJ
Adjustable pin
14
NC
Not Connected
15
VO2
Output Pin
16
VO2
Output Pin
17
VI
Positive Supply Voltage
18
NC
Not Connected
19
NC
Not Connected
20
GND
Ground Pin
TYPE
Power-SO20 slug-up
OUTPUT VOLTAGES
LHC4913
LHC4913PDU
Adjustable



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com