Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02DQ Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS3L02DQ
Description  INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02DQ Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS3L02DQ Datasheet HTML 9Page - STMicroelectronics LIS3L02DQ Datasheet HTML 10Page - STMicroelectronics LIS3L02DQ Datasheet HTML 11Page - STMicroelectronics LIS3L02DQ Datasheet HTML 12Page - STMicroelectronics LIS3L02DQ Datasheet HTML 13Page - STMicroelectronics LIS3L02DQ Datasheet HTML 14Page - STMicroelectronics LIS3L02DQ Datasheet HTML 15Page - STMicroelectronics LIS3L02DQ Datasheet HTML 16Page - STMicroelectronics LIS3L02DQ Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
LIS3L02DQ
6.7 CTRL_REG1 (20h)
6.8 CTRL_REG2 (21h)
PD1
PD0
DF1
DF0
ST
Zen
Yen
Xen
PD1, PD0
Power Down Control
(00: power-down mode; 01: device on)
DF1, DF0
Decimation Factor Control
(00: decimate by 128; 01: decimate by 64; 10: decimate by 32; 11: decimate by 8)
ST
Self Test Enable
(0: normal mode; 1: self-test active)
Zen
Z-axis enable
(0: axis off; 1: axis on)
Yen
Y-axis enable
(0: axis off; 1: axis on)
Xen
X-axis enable
(0: axis off; 1: axis on)
Res
BDU
BLE
BOOT
IEN
DRDY
SIM
DAS
Res
Reserved
BDU
Block Data Update
(0: continuous update; 1: output registers not updated until MSB and LSB reading)
BLE
Big/Little Endian selection
(0: little endian; 1: big endian)
BOOT
Reboot memory content
IEN
Interrupt ENable
(0: data ready on RDY pad; 1: int req on RDY pad)
DRDY
Enable Data-Ready generation
SIM
SPI Serial Interface Mode selection
(0: 4-wire interface; 1: 3-wire interface)
DAS
Data Alignment Selection
(0: 12 bit right justified; 1: 16 bit left justified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com