Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1.CC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GW-CSSRM1.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-CSSRM1.CC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GW-CSSRM1.CC Datasheet HTML 4Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 5Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 6Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 7Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 8Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 9Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 10Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 11Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2014-02-15
8
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW CSSRM1.CC
6N
0.3853
0.3776
8R
0.4261
0.4077
5W
0.4483
0.3919
0.3885
0.3882
0.4299
0.4165
0.4534
0.4011
0.3934
0.3825
0.4346
0.4108
0.4538
0.3931
0.3970
0.3935
0.4387
0.4197
0.4591
0.4025
7N
0.3885
0.3882
5S
0.4222
0.3840
6W
0.4534
0.4011
0.3916
0.3987
0.4263
0.3929
0.4585
0.4104
0.3970
0.3935
0.4298
0.3867
0.4591
0.4025
0.4006
0.4044
0.4342
0.3957
0.4644
0.4118
5O
0.3890
0.3690
6S
0.4263
0.3929
7W
0.4585
0.4104
0.3916
0.3772
0.4305
0.4019
0.4636
0.4197
0.3975
0.3731
0.4342
0.3957
0.4644
0.4118
0.4006
0.3815
0.4386
0.4048
0.4697
0.4211
6O
0.3916
0.3772
7S
0.4305
0.4019
8W
0.4636
0.4197
0.3943
0.3853
0.4346
0.4108
0.4688
0.4290
0.4006
0.3815
0.4386
0.4048
0.4697
0.4211
0.4036
0.3898
0.4430
0.4138
0.4750
0.4304
7O
0.3943
0.3853
8S
0.4346
0.4108
5X
0.4538
0.3931
0.3970
0.3934
0.4387
0.4197
0.4591
0.4025
0.4036
0.3898
0.4430
0.4138
0.4593
0.3944
0.4067
0.3982
0.4474
0.4228
0.4648
0.4038
8O
0.3970
0.3934
5T
0.4298
0.3867
6X
0.4591
0.4025
0.3997
0.4015
0.4342
0.3957
0.4644
0.4118
0.4067
0.3982
0.4373
0.3893
0.4648
0.4038
0.4097
0.4065
0.4420
0.3985
0.4703
0.4132
5P
0.3975
0.3731
6T
0.4342
0.3957
7X
0.4644
0.4118
0.4006
0.3815
0.4386
0.4048
0.4697
0.4211
0.4061
0.3773
0.4420
0.3985
0.4703
0.4132
0.4095
0.3858
0.4468
0.4077
0.4758
0.4225
6P
0.4006
0.3815
7T
0.4386
0.4048
8X
0.4697
0.4211
0.4036
0.3898
0.4430
0.4138
0.4750
0.4304
0.4095
0.3858
0.4468
0.4077
0.4758
0.4225
0.4130
0.3944
0.4515
0.4168
0.4813
0.4319
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com