Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1.CC Datasheet(PDF) 13 Page - OSRAM GmbH

Part # GW-CSSRM1.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-CSSRM1.CC Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button GW-CSSRM1.CC Datasheet HTML 9Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 10Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 11Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 12Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 13Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 14Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 15Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 16Page - OSRAM GmbH GW-CSSRM1.CC Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Draft Version 0.0
GW CSSRM1.CC
2014-02-15
13
DRAFT – For Reference only.
Subject to change.
Relative Forward Voltage 6) page26
Relative Vorwärtsspannung 6) Seite 26
ΔVF = VF - VF(85 °C) = f(Tj); IF = 700 mA
Relative Luminous Flux 6) page 26
Relative Lichtstrom 6) Seite 26
ΦVV(85 °C) = f(Tj); IF = 700 mA
Chromaticity Coordinate Shift 6) page 26
Farbortverschiebung 6) Seite 26
Cx, Cy = f(Tj); IF = 700 mA
GW CSSRM1.CC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
ΔVF [V]
: white
GW CSSRM1.CC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(85°C)
: white
GW CSSRM1.CC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.400
0.405
0.410
0.415
0.420
0.425
0.430
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com