Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM2.PM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GW-CSSRM2.PM
Description  SMT ceramic package with silicone resin and silicone lens
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-CSSRM2.PM Datasheet(HTML) 1 Page - OSRAM GmbH

  GW-CSSRM2.PM Datasheet HTML 1Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 2Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 3Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 4Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 5Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 6Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 7Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 8Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2017-10-26
1
2017-10-26
OSLON Square
Datasheet
Version 1.5
GW CSSRM2.PM
Third generation of OSLON Square with improved
radiation pattern and enhanced performance. Most
compact high-power LED with well known superior
robustness, high reliability, long lifetime and low
thermal resistance.
Die dritte Generation OSLON Square mit verbesserter
Abstrahlcharakteristik und nochmals verbesserter
Leistung. Die kompakte High-Power LEDs bietet
erprobte Zuverlässigkeit und lange Lebensdauer bei
niedrigstem Wärmewiderstand.
Features:
Besondere Merkmale:
•
Package: SMT ceramic package with silicone resin
and silicone lens
•
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 3000 K - 6500 K (white)
•
Farbe: 3000 K - 6500 K (weiß)
•
CRI: min. 70 ( typ. 72 )
•
CRI: min. 70 ( typ. 72 )
•
Luminous Flux: typ. 314 lm @ 5000 K, 85 °C
•
Lichtstrom: typ. 314 lm @ 5000 K, 85 °C
•
Luminous efficacy: typ. 160 lm/W @ 5000 K,
85 °C
•
Lichtausbeute: typ. 160 lm/W @ 5000 K, 85 °C
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
•
Industrial lighting
•
Industriebeleuchtung
•
Outdoor lighting
•
Außenbeleuchtung
•
Street and tunnel lighting
•
Straßen und Tunnel


Similar Part No. - GW-CSSRM2.PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GW-CSSRM2.CM OSRAM-GW-CSSRM2.CM Datasheet
7Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GW-CSSRM2.EM OSRAM-GW-CSSRM2.EM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - GW-CSSRM2.PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCS8PM1.EM OSRAM-GWCS8PM1.EM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GWCSSRM1.BM OSRAM-GWCSSRM1.BM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GF-CS8PM2.24 OSRAM-GF-CS8PM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
GF-CSHPM1.24 OSRAM-GF-CSHPM1.24 Datasheet
378Kb / 22P
SMT ceramic package with silicone resin and silicone lens
GH-CSSRM2.24 OSRAM-GH-CSSRM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
LA-CP7P OSRAM-LA-CP7P Datasheet
884Kb / 20P
SMT ceramic package with silicone resin and silicone lens
LA-CPDP OSRAM-LA-CPDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
LY-CPDP OSRAM-LY-CPDP Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
LD-CQDP OSRAM-LD-CQDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
LUW-CQ7P OSRAM-LUW-CQ7P Datasheet
1Mb / 26P
SMT ceramic package with silicone resin and silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com