Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM2.PM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # GW-CSSRM2.PM
Description  SMT ceramic package with silicone resin and silicone lens
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-CSSRM2.PM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button GW-CSSRM2.PM Datasheet HTML 7Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 8Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 9Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 10Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 11Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 12Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 13Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 14Page - OSRAM GmbH GW-CSSRM2.PM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Version 1.5
GW CSSRM2.PM
IF = f (VF); TJ = 85 °C
ΦV/ΦV(700 mA) = f(IF); TJ = 85 °C
Cx, Cy = f(IF); TJ = 85 °C
GW CSSRM2.PM
2,7
2,8
2,9
3,0
3,1
VF
[V]
200
400
600
800
1000
1200
1400
1600
1800
IF
[mA]
GW CSSRM2.PM
20
0
40
0
60
0
80
0
10
00
12
00
14
00
16
00
18
00
IF [mA]
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
Φ
V
Φ
V(700mA)
GW CSSRM2.PM
20
0
40
0
60
0
80
0
10
00
12
00
14
00
16
00
18
00
IF [mA]
-0,010
-0,005
0,000
0,005
0,010
∆Cx
∆Cy
:
∆ Cx - white
:
∆ Cy - white
2017-10-26
11
Forward Current 5) page 24 , 7) page 24
Durchlassstrom 5) Seite 24 , 7) Seite 24
Relative Luminous Flux 5) page 24 , 7) page 24
Relativer Lichtstrom 5) Seite 24 , 7) Seite 24
Farbortverschiebung 5) Seite 24
Chromaticity Coordinate Shift 5) page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com