Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL211AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL211AT
Description  Optocoupler, Phototransistor Output, With Base Connection in
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL211AT Datasheet(HTML) 1 Page - Vishay Siliconix

  IL211AT Datasheet HTML 1Page - Vishay Siliconix IL211AT Datasheet HTML 2Page - Vishay Siliconix IL211AT Datasheet HTML 3Page - Vishay Siliconix IL211AT Datasheet HTML 4Page - Vishay Siliconix IL211AT Datasheet HTML 5Page - Vishay Siliconix IL211AT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IL211AT/ 212AT/ 213AT
Document Number 83615
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179002
1
2
3
4
A
K
NC
NC
8
7
6
5
NC
B
C
E
Pb
Pb-free
e3
Optocoupler, Phototransistor Output, With Base Connection in
SOIC-8 package
Features
• Isolation Voltage, 3000 VRMS
• Industry Standard SOIC-8A Surface Mountable
Package
• Compatible with Dual Wave, Vapor Phase and IR
Reflow Soldering
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code Y
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
Description
The IL211AT/ IL212AT/ IL213AT are optically cou-
pled pairs with a Gallium Arsenide infrared LED and
silicon NPN phototransistor. Signal information,
including a DC level, can be transmitted by the device
while maintaining a high degree of electrical isolation
between input and output. The IL211AT/ IL212AT/
IL213AT comes in a standard SOIC-8 small outline
package for surface mounting which makes it ideally
suited for high density applications with limited space.
In addition to eliminating through-holes requirements,
this package conforms to standards for surface
mounted devices.
A choice of 20, 50, and 100 % minimum CTR at
IF = 10 mA makes these optocouplers suitable for a
variety of different applications.
Order Information
Available only on Tape and Reel Option
(Conforms to EIA Standard RS481A)
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
IL211AT
CTR > 20 %, SOIC-8
IL212AT
CTR > 50 %, SOIC-8
IL213AT
CTR > 100 %, SOIC-8
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage
VR
6.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
90
mW
Derate linearly from 25 °
1.2
mW/°C


Similar Part No. - IL211AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL211AT VISHAY-IL211AT Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL211AT VISHAY-IL211AT Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL211AT VISHAY-IL211AT Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL211AT VISHAY-IL211AT_10 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results

Similar Description - IL211AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,with Base Connection
08-May-08
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
10-Jan-08
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com