Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL211AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL211AT
Description  Optocoupler, Phototransistor Output, With Base Connection in
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL211AT Datasheet(HTML) 3 Page - Vishay Siliconix

  IL211AT Datasheet HTML 1Page - Vishay Siliconix IL211AT Datasheet HTML 2Page - Vishay Siliconix IL211AT Datasheet HTML 3Page - Vishay Siliconix IL211AT Datasheet HTML 4Page - Vishay Siliconix IL211AT Datasheet HTML 5Page - Vishay Siliconix IL211AT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IL211AT/ 212AT/ 213AT
Document Number 83615
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Current Transfer Ratio
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
IF = 10 mA, VCE = 5.0 V
IL211AT
CTR
20
50
%
IL212AT
CTR
50
80
%
IL213AT
CTR
100
130
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Switching time
IC = 2 mA, RL = 100 Ω,
VCC = 10 V
ton, toff
3.0
µs
Figure 1. Forward Voltage vs. Forward Current
Figure 2. Normalized Non-saturated and Saturated CTRCE vs.
LED Current
iil211at_01
IF - Forward Current - mA
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Ta = -55°C
Ta = 25°C
Ta = 100°C
iil211at_02
.1
10
100
Normalized to:
VCE =10 V
IF =10 mA
TA=25°C
1.5
1.0
0.5
0.0
VCE=5V
VCE=0.4 V
IF - LED Current - mA
1
Figure 3. Collector-Emitter Current vs.LED Current
Figure 4. Normalized Collector-Base Photocurrent vs. LED
Current
iil211at_03
.1
1
10
100
IF - LED Current - mA
TA =25°C
ı
VCE=0.4 V
VCE=10V
150
100
50
0
iil211at_04
.1
1
10
100
IF - LED Current - mA
Normalized to:
VCB =9.3 V
IF =1 mA
TA = 25°ıC
100
10
1
.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com