Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-KAFJB3.CM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GW-KAFJB3.CM
Description  Chip-on-Board
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-KAFJB3.CM Datasheet(HTML) 1 Page - OSRAM GmbH

  GW-KAFJB3.CM Datasheet HTML 1Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 2Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 3Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 4Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 5Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 6Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 7Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 8Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2016-05-06
1
2016-05-06
SOLERIQ
® S 9
Datasheet
Version 1.0
GW KAFJB3.CM
The SOLERIQ
® S products were specifically designed
for applications requiring large flux packages out of a
compact area.
Die SOLERIQ
® S Produkte wurden speziell für
Anwendungen entwickelt, die großen Lichtstrom aus
einer kompakten Fläche benötigen.
Features:
Besondere Merkmale:
Package: Chip-on-Board
Gehäusetyp: Chip-on-Board
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 2700 K - 4000 K (white)
Farbe: 2700 K - 4000 K (weiß)
CRI: min. 90
CRI: min. 90
Luminous Flux: typ. 1340 lm @ 3000 K, 85 °C
Lichtstrom: typ. 1340 lm @ 3000 K, 85 °C
Luminous efficacy: typ. 97 lm/W @ 3000 K, 85 °C
Lichtausbeute: typ. 97 lm/W @ 3000 K, 85 °C
Applications
Anwendungen
Downlights
Downlights
Indoor General Lighting
Innen-Allgemeinbeleuchtung
Museum lighting
Museumsbeleuchtung
Shop lighting
Ladenbeleuchtung


Similar Part No. - GW-KAFJB3.CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GW-KAFJB3.DM OSRAM-GW-KAFJB3.DM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAFJB3.EM OSRAM-GW-KAFJB3.EM Datasheet
1Mb / 17P
Chip-on-Board
More results

Similar Description - GW-KAFJB3.CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
Chip-on-Board
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
Chip-on-Board
GW-KAGHB1.CM OSRAM-GW-KAGHB1.CM Datasheet
385Kb / 18P
chip-on-board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAFHB3.EM OSRAM-GW-KAFHB3.EM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAFJB3.DM OSRAM-GW-KAFJB3.DM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
Chip-on-Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com