Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-KAFJB3.CM Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GW-KAFJB3.CM
Description  Chip-on-Board
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-KAFJB3.CM Datasheet(HTML) 2 Page - OSRAM GmbH

  GW-KAFJB3.CM Datasheet HTML 1Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 2Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 3Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 4Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 5Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 6Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 7Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 8Page - OSRAM GmbH GW-KAFJB3.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2016-05-06
2
Version 1.0
GW KAFJB3.CM
Ordering Information
Bestellinformation
Type:
Color
Temperature
Luminous Flux
1) page 17
Ordering Code
Typ:
Farbtemperatur
Lichtstrom
1) Seite 17
Bestellnummer
IF = 400 mA, T =
85 °C
[K]
ΦV
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. GW KAFJB3.CM-RRRS-30S3
means that only one group RR, RS will be shippable for any packing unit.
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen
(siehe Seite 5). Es wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. GW KAFJB3.CM-RRRS-30S3
bedeutet, dass in einer Verpackungseinheit nur eine der Helligkeitsgruppen RR, RS enhalten ist.
J
[lm]
GW KAFJB3.CM-RQRR-27S3
2700
1210 ... 1400
Q65111A9577
GW KAFJB3.CM-RRRS-30S3
3000
1300 ... 1500
Q65111A9575
GW KAFJB3.CM-RSRT-35S3
3500
1400 ... 1640
Q65111A9573
GW KAFJB3.CM-RSRT-40S3
4000
1400 ... 1640
Q65111A9572
GW KAFJB3.CM-RQRR-27B3
2700 Brilliant White 1210 ... 1400
Q65111A9578
GW KAFJB3.CM-RRRS-30B3
3000 Brilliant White 1300 ... 1500
Q65111A9576
GW KAFJB3.CM-RRRS-35B3
3500 Brilliant White 1300 ... 1500
Q65111A9574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com