Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-P9LR33.CM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # GW-P9LR33.CM
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-P9LR33.CM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button GW-P9LR33.CM Datasheet HTML 7Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 8Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 9Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 10Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 11Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 12Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 13Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 14Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
GW P9LR33.CM
21
22
23
24
25
26
VF [V]
10
20
40
60
80
100
120
140
160
180
200
IF [mA]
GW P9LR33.CM
10
40
60
80
10
0
12
0
14
0
16
0
18
0
20
0
IF [mA]
0,2
0,4
0,6
0,8
1,0
1,2
ΦV
ΦV(150mA)
GW P9LR33.CM
10
40
60
80
100 120 140 160 180 200
IF [mA]
-0,02
-0,01
0,00
0,01
0,02
ΔCx
ΔCy
:
Δ Cx -
:
Δ Cy -
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com