Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-P9LR33.CM Datasheet(PDF) 20 Page - OSRAM GmbH

Part # GW-P9LR33.CM
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-P9LR33.CM Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button GW-P9LR33.CM Datasheet HTML 16Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 17Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 18Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 19Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 20Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 21Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 22Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 23Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 24Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
OHA02044
OSRAM
Packing
Sealing label
Barcode label
Mo
isture
Le
vel
3
Flo
or
tim
e
16
8
H
o
urs
M
o
istu
re
L
e
vel
6
Flo
o
r tim
e
6
Ho
urs
a)
Humidit
y
Indic
a
tor
Car
d
is
>
10%
when
read
at
2
3
˚C
±
5
˚C,
or
reflow,
va
p
or
-ph
ase
reflow,
or
equivalent
pro
ce
ssing
(peak
pa
c
kage
2.
Af
te
r this
b
ag
is
opened,
de
vice
s
th
a
t will
be
su
b
je
cted
to
in
frar
e
d
1.
Sh
elf
life
in
sealed
bag:
2
4
mo
n
ths
a
t <
40
˚C
and
<
90
%
r
elative
h
u
midity
(RH).
Mo
istu
re
Le
v
el
5
a
a
t factory
c
ond
iti
ons
o
f
(if
b
lank,
se
a
l date
is
identical
with
date
co
d
e).
a
) Mount
ed
w
it
hin
b)
Store
d
at
body
temp
.
3
. Devices
require
ba
king,
before
m
o
un
tin
g,
if:
Bag
seal
d
ate
M
o
istu
re
L
e
vel
1
Mo
isture
Level
2
M
o
istu
re
L
evel
2a
4
. If
baking
i
s
re
q
u
ire
d,
b)
2a
or
2b
is
not
met
.
Date
an
d
tim
e
o
p
en
e
d
:
re
feren
ce
IP
C/JEDEC
J-ST
D-033
for
bake
p
rocedure
.
Flo
or
tim
e
s
e
e
below
If
blank,
see
bar
code
label
F
loor
time
>
1
Year
Floor
time
1
Y
e
a
r
Flo
or
tim
e
4
Weeks
1
0
%
RH.
_
<
Moisture
L
e
vel
4
Moisture
Level
5
˚C).
OPTO
SE
M
ICONDUC
TORS
MO
ISTURE
S
ENSITIV
E
This
bag
contains
CAUTION
Flo
or
time
72
Hours
F
loor
time
4
8
Ho
ur
s
Flo
or
tim
e
24
Ho
urs
30
˚C/60%
RH.
_
<
LEVEL
If
b
la
n
k
,
see
bar
c
o
de
label
Barcode label
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com