Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6017 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6017
Description  3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6017 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6017 Datasheet HTML 5Page - Linear Technology LT6017 Datasheet HTML 6Page - Linear Technology LT6017 Datasheet HTML 7Page - Linear Technology LT6017 Datasheet HTML 8Page - Linear Technology LT6017 Datasheet HTML 9Page - Linear Technology LT6017 Datasheet HTML 10Page - Linear Technology LT6017 Datasheet HTML 11Page - Linear Technology LT6017 Datasheet HTML 12Page - Linear Technology LT6017 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LT6015/LT6016/LT6017
9
601567ff
For more information www.linear.com/LT6015
Typical perForMance characTerisTics
Voltage Offset Shift
vs Temperature Cycling
Voltage Offset vs Temperature
Over-The-Top Voltage Offset
vs Temperature
Voltage Offset vs Input Common
Mode Voltage
Voltage Offset vs Supply Voltage
Minimum Supply Voltage
Warm-Up Drift
Over-The-Top Warm-Up Drift
Voltage Offset Shift vs Thermal
Cycling
TIME AFTER POWER ON (MIN)
1
0
2
–2.5
2.5
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
3
5
4
601567 G10
VS = ±15V
VCM = 0V
5 UNITS, 10 CHANNELS
MS8 PACKAGE
CHANNEL A
CHANNEL B
TIME AFTER POWER ON (MIN)
1
0
2
–2.5
2.5
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
3
5
4
601567 G11
VS = 5V
VCM = 50V
5 UNITS, 10 CHANNELS
MS8 PACKAGE
CHANNEL A
CHANNEL B
VCM (V)
0.01
–50
40
50
30
20
10
0
–10
–20
–30
–40
0.1
1
10
601567 G16
100
TA = 25°C
TA = –45°C
TA = 125°C
VS = 5V
TOTAL SUPPLY VOLTAGE (V)
5
10 15 20
30 35
–100
75
100
50
25
0
–25
–50
–75
25
45
40
601567 G17
50
TA = 25°C
TA = –45°C
TA = 125°C
TOTAL SUPPLY VOLTAGE (V)
0
1
3
–20
15
20
10
5
0
–5
–10
–15
2
4
601567 G18
5
TA = 25°C
TA = –45°C
TA = 125°C
VOLTAGE OFFSET SHIFT (µV)
–25 –20
–5 0
0
18
16
14
12
10
8
6
4
2
–15 –10
5 10 15 20 25
601567 G12
FOUR THERMAL CYCLES –55°C TO 130°C
TA = 25°C
20 DEVICES
40 CHANNELS
MS8 PACKAGE
VS = 5V
VCM = MID-SUPPLY
TEMPERATURE (°C)
–25 0
–100
100
75
50
25
0
–25
–50
–75
–50
–75
25 50 75 100 125 150
601567 G13
FOUR CYCLES –55°C TO 130°C
VS = 5V, VCM = MID-SUPPLY
40 CHANNELS MEASURED
MS8 PACKAGE
TYPICAL
CHANNEL
MINIMUM SHIFT
MEASURED
WORST-CASE
CHANNEL
MAXIMUM SHIFT
MEASURED
TEMPERATURE (°C)
–25
–50
0
25
–150
150
100
50
0
–50
–100
50
150
100 125
75
601567 G14
VS = 5V
VCM = MID-SUPPLY
5 UNITS, 10 CHANNELS
MS8 PACKAGE
CHANNEL A
CHANNEL B
TEMPERATURE (°C)
–25
–50
0
25
–150
150
100
50
0
–50
–100
50
150
100 125
75
601567 G15
VS = 5V
VCM = 50V
5 UNITS, 10 CHANNELS
MS8 PACKAGE
CHANNEL A
CHANNEL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com