Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6017 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6017
Description  3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6017 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6017 Datasheet HTML 9Page - Linear Technology LT6017 Datasheet HTML 10Page - Linear Technology LT6017 Datasheet HTML 11Page - Linear Technology LT6017 Datasheet HTML 12Page - Linear Technology LT6017 Datasheet HTML 13Page - Linear Technology LT6017 Datasheet HTML 14Page - Linear Technology LT6017 Datasheet HTML 15Page - Linear Technology LT6017 Datasheet HTML 16Page - Linear Technology LT6017 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT6015/LT6016/LT6017
13
601567ff
For more information www.linear.com/LT6015
applicaTions inForMaTion
Supply Voltage
The positive supply pin of the LT6015/LT6016/LT6017
shouldbebypassedwithasmallcapacitor(typically0.1μF)
as close to the supply pins as possible. When driving
heavy loads an additional 4.7μF electrolytic capacitor
should be added. When using split supplies, the same is
true for the V– supply pin.
The LT6017 consists of two dual amplifier dice assembled
in a single DFN package which share a common substrate
(V–). While the V– pins of the quad (pins 16 and 18) must
alwaysbetiedtogetherandtotheexposedpadunderneath,
the V+ power supply pins (pins 5 and 7) may be supplied
independently.TheBandCchannelamplifiersaresupplied
through V+ by pin 7, and the A and D channel amplifiers are
supplied by pin 5. If pin 5 and pin 7 are not tied together
and are biased independently, each V+ pin should have
their own dedicated supply bypass to ground.
Shutdown
WhiletherearenodedicatedshutdownpinsfortheLT6015/
LT6016/LT6017,theamplifierscaneffectivelybeshutdown
into a low power state by removing V+. In this condition
the input bias current is typically less than 1nA with the
inputs biased between V– and 76V above V–, and if the
inputs are taken below V–, they appear as a diode in series
with 1k of resistance. The output may be pulled up to 50V
above the V+ power supply in this condition (See Figure 1).
Pulling the output pin below V– will produce unlimited
current and can damage the part.
Reverse Battery
TheLT6015/LT6016/LT6017areprotectedagainstreverse
battery voltages up to 50V. In the event a reverse battery
condition occurs, the supply current is typically less
than 5µA (assuming the inputs are biased within a diode
drop from V–). For typical single supply applications with
ground referred loads and feedback networks, no other
precautions are required. If the reverse battery condition
results in a negative voltage at the input pins, the current
into the pin should be limited by an external resistor to
less than 10mA.
Inputs
ReferringtotheSimplifiedSchematic,theLT6015/LT6016/
LT6017hastwoinputstages:acommonemitterdifferential
input stage consisting of PNP transistors Q1 and Q2 which
operate when the inputs are biased between V– and 1.5V
below V+, and a common base input stage consisting of
PNPtransistorsQ3toQ6whichoperatewhenthecommon
mode input is biased greater than V+ –1.5V. This results
in two distinct operating regions as shown in Figure 2.
For common mode input voltages approximately 1.5V or
more below the V+ supply (Q1 and Q2 active), the com-
mon emitter PNP input stage is active and the input bias
current is typically under ±2nA. When the common mode
input is within approximately 1V of the V+ supply or higher
Figure 1. LT6015/LT6016/LT6017 Fault Tolerant Conditions
INPUTS DRIVEN ABOVE
SUPPLY TOLERANT
5V
–
+
OK!
80V
+
REVERSE BATTERY
TOLERANT
–50V
–
+
OK!
INPUTS DRIVEN BELOW
GROUND TOLERANT
25V
TRANSIENT
5V
–
+
OK!
LARGE DIFFERENTIAL
INPUT VOLTAGE
TOLERANT
5V
–
+
OK!
80V
+
OUTPUT DRIVEN ABOVE THE
V+ SUPPLY (IN SHUTDOWN)
TOLERANT
0V
–
+
OK!
601567 F01
50V
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com