Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6004 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6004
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6004 Datasheet HTML 5Page - Linear Technology LT6004 Datasheet HTML 6Page - Linear Technology LT6004 Datasheet HTML 7Page - Linear Technology LT6004 Datasheet HTML 8Page - Linear Technology LT6004 Datasheet HTML 9Page - Linear Technology LT6004 Datasheet HTML 10Page - Linear Technology LT6004 Datasheet HTML 11Page - Linear Technology LT6004 Datasheet HTML 12Page - Linear Technology LT6004 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LT6023/LT6023-1
9
60231fa
For more information www.linear.com/LT6023
Small-Signal Transient Response
Overshoot vs Capacitive Load
TYPICAL PERFORMANCE CHARACTERISTICS
PSRR vs Frequency
CMRR vs Frequency
Open-Loop Gain and Phase
vs Frequency
Open Loop Gain vs Load
Output Impedance vs Frequency
TA = 25°C, VS = ±15V, RL = 100kΩ unless
otherwise specified.
LOAD CURRENT (mA)
6023 G24
160
100
140
80
120
150
90
130
70
110
60
0.01
0.1
10
1
VOUT = ±14.5V
2mV/DIV
50µs/DIV
6023 G18
AV = 1
100pF
330pF
CAPACITIVE LOAD (pF)
0
35
25
15
30
20
10
5
0
600
6023 G19
1000
200
400
800
VS = ±1.5V
VS = ±15V
FREQUENCY (Hz)
6023 G20
140
80
120
60
100
40
20
0
10m 100m
1
1k
100k
10k
100
10
+PSRR
–PSRR
FREQUENCY (Hz)
6023 G21
140
80
120
60
100
40
20
0
100m
1
1k
100k
10k
100
10
FREQUENCY (Hz)
6023 G22
140
80
120
60
100
40
20
–20
–45
–135
–90
–180
–225
0
100m
1
1k
100k
10k
100
10
VS = ±15V
VS=±15V
CL=100p, AV=1
CL=330p, AV=1
CL=330p, AV=–1
FREQUENCY (Hz)
100
1k
10k
100k
1M
–12
–9
–6
–3
0
3
Gain vs Frequency
6023 G23
FREQUENCY (Hz)
6023 G25
10k
100
1
1k
10
0.1
0.01
10
100
1k
10k
1M
100k
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com