Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6004 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6004
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6004 Datasheet HTML 9Page - Linear Technology LT6004 Datasheet HTML 10Page - Linear Technology LT6004 Datasheet HTML 11Page - Linear Technology LT6004 Datasheet HTML 12Page - Linear Technology LT6004 Datasheet HTML 13Page - Linear Technology LT6004 Datasheet HTML 14Page - Linear Technology LT6004 Datasheet HTML 15Page - Linear Technology LT6004 Datasheet HTML 16Page - Linear Technology LT6004 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT6023/LT6023-1
13
60231fa
For more information www.linear.com/LT6023
APPLICATIONS INFORMATION
Figure 2. Some Op Amp Configurations Do Not Require Rail-to-Rail Inputs to Achieve Rail-to-Rail Outputs
RG
VREF
NONINVERTING: AV = 1 + RF/RG
INPUTS MOVE BY AS MUCH AS
VIN, BUT THE OUTPUT MOVES
MORE
INPUT MAY NOT HAVE TO BE
RAIL-TO-RAIL
NONINVERTING: AV = 1
INPUTS MOVE BY AS MUCH AS
OUTPUT
INPUT MUST BE RAIL-TO-RAIL
FOR OVERALL CIRCUIT
RAIL-TO-RAIL PERFORMANCE
INVERTING: AV = –RF/RG
OP AMP INPUTS DO NOT MOVE,
BUT ARE FIXED AT DC BIAS
POINT VREF
INPUT DOES NOT HAVE TO BE
RAIL-TO-RAIL
VIN
RF
–
+
VIN
VREF
RF
RG
–
+
VIN
60231 F02
–
+
accuracy is limited by the resistors shown to 0.2%. Output
referred, this error becomes 2.7mV. The 30µV input offset
voltage contribution, plus the additional error due to input
bias current times the ~10k effective source impedance,
contribute only negligibly to error.
Phase Inversion
TheLT6023inputstageislimitedtooperatingbetweenV–+
1.2VandV+–1.4V.Exceedingthiscommonmoderangewill
causetheopenloopgaintodropsignificantly.Foraunitygain
amplifier, the output roughly tracks the input well beyond
the specified input voltage range as shown in Figure 4.
Figure 4. No Phase Inversion
0V
5V/DIV
–20V
–10V
20V
10V
2ms/DIV
60231 F04
OUTPUT
INPUT
–VCM LIMIT
+VCM LIMIT
VS = ±15V
AV = 1
Figure 3. Extreme Inverting Case: Circuit Operates Properly
with Input Voltage Swing Well Outside Op Amp Supply Rails
1.5V
–1.5V
10k, 0.1%
100k, 0.1%
VIN
±1.35V
OUTPUT
SWING
±13.5V SWINGS
WELL OUTSIDE
SUPPLY RAILS
–
+
LT6023
60231 F03
Achieving Rail-to-Rail Operation without
Rail-to-Rail Inputs
The LT6023 output is able to swing close to each power
supply rail, but the input stage is limited to operating
between V– + 1.2V and V+ – 1.4V. For many inverting
applications and noninverting gain applications, this is
largely inconsequential. Figure 2 shows the basic op amp
configurations, what happens to the op amp inputs and
whether or not the op amp must have rail-to-rail inputs.
The circuit of Figure 3 shows an extreme example of the
inverting case. The input voltage at the 100k resistor can
swing ±13.5V and the LT6023 will output an inverted,
divided-by-ten version of the input voltage. The output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com