Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1352 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1352 Datasheet HTML 9Page - Linear Technology LT1352 Datasheet HTML 10Page - Linear Technology LT1352 Datasheet HTML 11Page - Linear Technology LT1352 Datasheet HTML 12Page - Linear Technology LT1352 Datasheet HTML 13Page - Linear Technology LT1352 Datasheet HTML 14Page - Linear Technology LT1352 Datasheet HTML 15Page - Linear Technology LT1352 Datasheet HTML 16Page - Linear Technology LT1352 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT6020/LT6020-1
13
60201fa
For more information www.linear.com/LT6020
applicaTions inForMaTion
Figure 2. Some Op Amp Configurations Do Not Require Rail-to-Rail Inputs to Achieve Rail-to-Rail Outputs
RG
VREF
NONINVERTING: AV = 1 + RF/RG
INPUTS MOVE BY AS MUCH AS
VIN, BUT THE OUTPUT MOVES
MORE
INPUT MAY NOT HAVE TO BE
RAIL-TO-RAIL
NONINVERTING: AV = 1
INPUTS MOVE BY AS MUCH AS
OUTPUT
INPUT MUST BE RAIL-TO-RAIL
FOR OVERALL CIRCUIT
RAIL-TO-RAIL PERFORMANCE
INVERTING: AV = –RF/RG
OP AMP INPUTS DO NOT MOVE,
BUT ARE FIXED AT DC BIAS
POINT VREF
INPUT DOES NOT HAVE TO BE
RAIL-TO-RAIL
VIN
RF
–
+
VIN
VREF
RF
RG
–
+
VIN
60201 F02
–
+
the specified input voltage range as shown in Figure 4.
However the open loop gain is significantly reduced. While
the output roughly tracks the input, the reduction in open
loop gain degrades the accuracy of the LT6020 in this
region. Exceeding the input common mode range also
causesasignificantincreaseininputbiascurrentasshown
in Figure 5. The output of the LT6020 is guaranteed over
thespecifiedtemperaturerangenottophaseinvertaslong
as the input voltage does not exceed the supply voltage.
Preserving Input Precision
Preserving the input accuracy of the LT6020 requires
that the application circuit and PC board layout do not
Figure 4. No Phase Inversion
0V
5V/DIV
–20V
–10V
20V
10V
200µs/DIV
60201 F04
OUTPUT
INPUT
–VCM LIMIT
+VCM LIMIT
VS =±15V
AV = 1
Figure 3. Extreme Inverting Case: Circuit Operates Properly
with Input Voltage Swing Well Outside Op Amp Supply Rails
1.5V
–1.5V
10k, 0.1%
100k, 0.1%
VIN
±1.35V
OUTPUT
SWING
±13.5V SWINGS
WELL OUTSIDE
SUPPLY RAILS
–
+
LT6020
1880 F03
divided-by-ten version of the input voltage. The output
accuracy is limited by the resistors to 0.2%. Output
referred, this error becomes 2.7mV. The 30µV input offset
voltage contribution, plus the additional error due to input
bias current times the ~10k effective source impedance,
contribute only negligibly to error.
Phase Inversion
TheLT6020inputstageislimitedtooperatingbetweenV–+
1.2VandV+–1.4V.Exceedingthiscommonmoderangewill
causetheopenloopgaintodropsignificantly.Foraunitygain
amplifier, the output roughly tracks the input well beyond



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com