Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1352 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1352 Datasheet HTML 10Page - Linear Technology LT1352 Datasheet HTML 11Page - Linear Technology LT1352 Datasheet HTML 12Page - Linear Technology LT1352 Datasheet HTML 13Page - Linear Technology LT1352 Datasheet HTML 14Page - Linear Technology LT1352 Datasheet HTML 15Page - Linear Technology LT1352 Datasheet HTML 16Page - Linear Technology LT1352 Datasheet HTML 17Page - Linear Technology LT1352 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT6020/LT6020-1
14
60201fa
For more information www.linear.com/LT6020
Figure 5. Increased Ib Beyond VICM
70
60
50
40
30
20
10
0
–10
–20
–30
0
5
–5
–10
–15
10
15
INPUT COMMON MODE VOLTAGE (V)
60201 F05
introduce errors comparable to or greater than the offset
of the amplifiers. Temperature differentials across the
input connections can generate thermocouple voltages of
tens of microvolts so the connections of the input leads
should be short, close together and away from heat dis-
sipating components. Air currents across the board can
also generate temperature differentials.
As is the case with all amplifiers, a change in load
current changes the finite open loop gain. Increased load
current reduces the open loop gain as seen in the Typical
Performance Characteristics section. This results in a
changeininputoffsetvoltage.Underlargesignalconditions
with load currents of ±2mA the effective change in input
error is just tens of microvolts. In precision applications it
is important to consider amplifier loading when selecting
feedback resistor values as well as the loads on the device.
Feedback Components
Care must be taken to ensure that the pole formed by the
feedback resistors and the parasitic capacitance at the
inverting input does not degrade stability. For example, in
a gain of +2 configuration, with 100k feedback resistors
and a poorly designed circuit board layout with parasitic
capacitance of 10pF (amplifier + PC board) at the ampli-
fier’s inverting input will cause the amplifier to have poor
phasemarginduetoapoleformedat320kHz.Anadditional
capacitor of 10pF across the feedback resistor as shown
in Figure 6 will eliminate any ringing or oscillation.
applicaTions inForMaTion
Capacitive Loads
The LT6020 can drive capacitive loads up to 100pF in
unity gain. The capacitive load driving capability increases
as the amplifier is used in higher gain configurations. A
small series resistance between the output and the load
will further increase the amount of capacitance that the
amplifier can drive.
Shutdown Operation (LT6020-1)
The LT6020-1 shutdown function has been designed
to be easily controlled from single supply logic or
microcontollers.ToenabletheLT6020-1whenVDGND=0V
the enable pin must be driven above 1.7V. Conversely, to
enter the low power shutdown mode the enable pin must
be driven below 0.8V. In a ±15V dual supply application
where VDGND = –15V, the enable pin must be driven above
~ –13.3V to enable the LT6020-1. If the enable pin is
driven below –14.2V the LT6020-1 enters the low power
shutdown mode. Note that to enable the LT6020-1 the
enable pin voltage can range from –13.3V to 15V whereas
to disable the LT6020-1 the enable pin can range from
–15V to –14.2V. Figure 7 shows examples of enable pin
control. While in shutdown, the outputs of the LT6020-1
are high impedance.
The LT6020-1 is typically capable of coming out of
shutdown within 100µs. This is useful in power sensitive
applications where duty cycled operation is employed
such as wireless mesh networks. In these applications the
system is in low power mode the majority of the time, but
then needs to wake up quickly and settle for an acquisition
before being powered back down to save power.
Figure 6. Stability with Parasitic Input Capacitance
100k
100k
10pF
CPAR
VOUT
VIN
60201 F06
+
–
LT6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com