Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3752 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3752 Datasheet HTML 10Page - Linear Technology LT3752 Datasheet HTML 11Page - Linear Technology LT3752 Datasheet HTML 12Page - Linear Technology LT3752 Datasheet HTML 13Page - Linear Technology LT3752 Datasheet HTML 14Page - Linear Technology LT3752 Datasheet HTML 15Page - Linear Technology LT3752 Datasheet HTML 16Page - Linear Technology LT3752 Datasheet HTML 17Page - Linear Technology LT3752 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
LT8311
14
8311f
For more information www.linear.com/LT8311
OPERATION
Figure 2. Active Clamp Forward Converter Timing Diagram in CCM. Resonant Reset Waveforms in Blue
D • tPER
tPER
AOUT
VGATE M2
(M2 SOURCE = 0V)
OUT
(M1 SOURCE = 0V)
SWP
ILMAG
CSW
CG
0.7 (CLAMPED BY D2)
0.7 (CLAMPED BY D2)
M2 OFF
M2 OFF
M2 ON
M2 ON
M1 ON
0.7V
∼VIN
M1 ON
M1 OFF
0V
0V
0V
0V
TIME
0V
0V
0V
0A
0V
0V
0V
0V
0V
0V
0V
MCG OFF
MCG ON
MCG OFF
MCG ON
MFG ON
MFG OFF
MFG ON
MFG OFF
M1 OFF
FSW
FG
ILOUT
ACTIVE CLAMP
PMOS CONTROL
SIGNAL
ACTIVE CLAMP
PMOS GATE
PRIMARY NMOS
SWITCH GATE
PRIMARY-SIDE
WAVEFORMS
SECONDARY-SIDE
WAVEFORMS
PRIMARY NMOS
SWITCH DRAIN
TRANSFORMER
MAGNETIZING
INDUCTANCE
CURRENT
CATCH FET DRAIN
CATCH FET GATE
FORWARD FET
DRAIN
FORWARD FET
GATE
OUTPUT INDUCTOR
CURRENT
REGIONS OF
OPERATION
0.7V
0.7V
8311 F02
di
dt
=
VIN
LMAG
di
dt
= −
1
LMAG
•
VIN •D
1
−D
VIN •D • tPER
LMAG
VOUT • tPER
2 • LMAG •CRST
di
dt
=
VCSW −VOUT
LOUT
di
dt
=
–VOUT
LOUT
VOUT
RLOAD
VOUT •(1−D)• tPER
LOUT
∼VIN •
NS
NP
VOUT
1
−D
VIN
1
−D
2
3
1
4
6
5
LMAG •CRST
tRES=π
VIN
(
1
+
D • tPER)
2 LMAG•CRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com